Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82131 Datasheet(PDF) 1 Page - EPCOS

Part # B82131
Description  VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 1 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
203 04/00
VHF chokes with ferrite core
Rated voltage 250 V dc/ac
Rated current 0,2 to 2 A
Rated inductance 120 to 3900
µH
Construction
s
Ferrite cylinder core
s
Winding: low-capacitance, multilayer,
enamel copper wire
s
Polyester insulating sleeve
Features
s
High resonance frequency
s
High inductance ratings
Applications
s
RF blocking and filtering
s
Interference suppression in small appliances
Marking
LR and IR in clear text
Delivery mode
Bulk
Dimensional drawing
B82500
VHF Chokes
Jump to preceding page


Similar Part No. - B82131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82131 EPCOS-B82131 Datasheet
108Kb / 7P
Chokes and inductors
B82131 EPCOS-B82131 Datasheet
136Kb / 9P
Inductors
B82131A5151M000 EPCOS-B82131A5151M000 Datasheet
108Kb / 7P
Chokes and inductors
B82131A5151M000 EPCOS-B82131A5151M000 Datasheet
136Kb / 9P
Inductors
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
VHF chokes
More results

Similar Description - B82131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B82500 EPCOS-B82500 Datasheet
57Kb / 3P
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907 Datasheet
167Kb / 1P
Rated DC Current 5.0A Max
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com