Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82131 Datasheet(PDF) 5 Page - EPCOS

Part # B82131
Description  VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 5 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
207 04/00
VHF chokes
Reel packing for type B82111-E (for taping see data sheet page 198)
Reel packing for types B82131 … B82134 (for taping see data sheet page 195)
Type
Reel dimensions (mm)
Packing units
Pieces/reel
n + 1
W max.
B82111-E
97
109
1000
B82131, B82132
95
107
2000
B82133, B82134
95
107
1000
Label
VHF Chokes
Packing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com