Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE207 Datasheet(PDF) 6 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 2Page - Analog Devices ADATE207 Datasheet HTML 3Page - Analog Devices ADATE207 Datasheet HTML 4Page - Analog Devices ADATE207 Datasheet HTML 5Page - Analog Devices ADATE207 Datasheet HTML 6Page - Analog Devices ADATE207 Datasheet HTML 7Page - Analog Devices ADATE207 Datasheet HTML 8Page - Analog Devices ADATE207 Datasheet HTML 9Page - Analog Devices ADATE207 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADATE207
Rev. 0 | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD
−0.3 V to +2.8 V
Digital Inputs
−0.3 V to VDD + 0.3 V
Resistor Termination pins
−0.3 to VDD + 0.3 V
Resistor Termination Current
12 mA max
Termination Pad Current
12 mA max
Junction Temperature
125°C
Storage Temperature
−40 to 125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Recommended Operating/Environmental
Conditions
Parameter
Min
Typ
Max
Unit
VDD
2.375
2.5
2.625
V
Case Temperature (TC)
85
°C
Relative Humidity
(Noncondensing)
85
%
THERMAL RESISTANCE
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
256-Lead BGA_ED
1.5
°C/W
In Still Air
14.3
°C/W
200 LFPM
12.0
°C/W
400 LFPM
11.2
°C/W
BYPASSING SCHEME
For decoupling, best practice suggests that to preserve as much
of the plane-to-plane capacitance as possible, do not perforate
the planes for VSS and VDD. Secondly, it is advisable to decouple
VDD to VSS by using 0.1 μF high frequency ceramic capacitors.
The trace to the capacitor should be kept to an absolute minimum
length. It is recommend that one capacitor be placed in the
corner of the chip and one in the middle of each side for a total
of eight capacitors for VDD to VSS. Furthermore, decouple
IOVDD to IOVSS on each side of the device. It is recommended
that 10 μF tantalum or ceramic capacitors be used for low
frequency decoupling around the device. It is not important for
these capacitors to be close to the device.
Table 6. Data Table for 256-Lead Ball Grid Array, Thermally
Enhanced, 27 mm × 27 mm Body
Dimension
Minimum
(mm)
Nominal
(mm)
Maximum
(mm)
A
1.70
A1
0.50
0.60
0.70
A2
0.60
0.80
1.00
D
26.90
27.00
27.10
D1
24.03
24.13
24.23
E
26.90
27.00
27.10
E1
24.03
24.13
24.23
b
0.60
0.75
0.90
e
1.27
aaa
0.20
bbb
0.25
ccc
0.35
ddd
0.20
eee
0.30
fff
0.15
S
0.635
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com