Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR1581BRTZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR1581BRTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581BRTZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADR1581BRTZ-R2 Datasheet HTML 1Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 2Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 3Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADR1581
Rev. 0 | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
2000
1500
1000
500
0
–500
–1000
–1500
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
20ppm/°C
5ppm/°C
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
REVERSE VOLTAGE (V)
+125°C
+25°C
–40°C
Figure 7. Reverse Current vs. Reverse Voltage
Figure 4. Output Drift for Different Temperature Characteristics
7
6
5
4
3
2
1
0
–1
0.01
0.10
1.00
10
REVERSE CURRENT (mA)
+85°C
+25°C
–40°C
1
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
FORWARD CURRENT (mA)
+85°C
+25°C
–40°C
Figure 8. Forward Voltage vs. Forward Current
Figure 5. Output Voltage Error vs. Reverse Current
FREQUENCY (Hz)
600
200
400
1.0
10
100
1k
10k
100k
1M
Figure 6. Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com