Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR1581BRTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR1581BRTZ-R2
Description  1.25 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1581BRTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR1581BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 10Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 11Page - Analog Devices ADR1581BRTZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADR1581
Rev. 0 | Page 10 of 12
USING THE ADR1581 WITH 3 V DATA
CONVERTERS
The ADR1581 is ideal for creating the reference level to use
with 12-bit multiplying DACs, such as the AD7943, AD7945,
and AD7948. In the single-supply bias mode (see Figure 25), the
impedance seen looking into the IOUT2 terminal changes with
DAC code. If the ADR1581 drives IOUT2 and AGND directly, less
than 0.2 LSBs of additional linearity error results. The buffer amp
eliminates linearity degradation resulting from variations in the
reference level.
The ADR1581 low output drift (50 ppm/°C) and compact
subminiature SOT-23 package make it ideally suited for today’s
high performance converters in space-critical applications.
One family of ADCs for which the ADR1581 is well suited is the
AD7714-3 and AD7715-3. The AD7714/AD7715 are charge-
balancing (∑-Δ) ADCs with on-chip digital filtering intended for
the measurement of wide dynamic range, low frequency signals,
such as those representing chemical, physical, or biological
processes.
DAC
RFB
AGND
DGND
A1
C1
3.3V
29.4kΩ
3.3V
ADR1581
SIGNAL GROUND
A1: OP295
AD822
OP2283
A1
VREF
VIN
VDD
IOUT1
IOUT2
VOUT
AD7943
Figure 24 shows the ADR1581 connected to the
AD7714/AD7715 for 3 V operation.
AD7714-3/AD7715-3
ADR1581
3V
28.7kΩ
REF IN(+)
REF IN(–)
HIGH
IMPEDANCE
>1GΩ
RSW
5kΩ (TYP)
CREF
(3pF TO 8pF)
SWITCHING
FREQUENCY DEPENDS
ON
fCLKIN
Figure 24. Reference Circuit for the AD7714-3/AD7715-3
Figure 25. Single-Supply System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com