Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5402 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments TMS320VC5402 Datasheet HTML 38Page - Texas Instruments TMS320VC5402 Datasheet HTML 39Page - Texas Instruments TMS320VC5402 Datasheet HTML 40Page - Texas Instruments TMS320VC5402 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
divide-by-two clock option (PLL disabled)
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of two to generate
the internal machine cycle. The selection of the clock mode is described in the clock generator section.
When an external clock source is used, the frequency injected must conform to specifications listed in the timing
requirements table.
NOTE:All revisions of the ’5402 can be operated with an external clock source, provided that the proper
voltage levels be driven on the X2/CLKIN pin. It should be noted that the X2/CLKIN pin is referenced to
the device 1.8V power supply (CVdd), rather than the 3V I/O supply (DVdd). Refer to the recommended
operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.
timing requirements (see Figure 11)
MIN
MAX
UNIT
tc(CI)
Cycle time, X2/CLKIN
20
†
ns
tf(CI)
Fall time, X2/CLKIN
8
ns
tr(CI)
Rise time, X2/CLKIN
8
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
switching characteristics over recommended operating conditions [H = 0.5tc(CO)]† (see Figure 10,
Figure 11, and the recommended operating conditions table)
PARAMETER
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
10‡
2tc(CI)
†
ns
td(CIH-CO)
Delay time, X2/CLKIN high to CLKOUT high/low
4
10
17
ns
tf(CO)
Fall time, CLKOUT
2
ns
tr(CO)
Rise time, CLKOUT
2
ns
tw(COL)
Pulse duration, CLKOUT low
H–2
H
ns
tw(COH)
Pulse duration, CLKOUT high
H–2
H
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
‡ It is recommended that the PLL clocking option be used for maximum frequency operation.
tr(CO)
tf(CO)
CLKOUT
X2/CLKIN
tw(COL)
td(CIH-CO)
tf(CI)
tr(CI)
tc(CO)
tc(CI)
tw(COH)
Figure 11. External Divide-by-Two Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com