Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5402 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 16Page - Texas Instruments TMS320VC5402 Datasheet HTML 17Page - Texas Instruments TMS320VC5402 Datasheet HTML 18Page - Texas Instruments TMS320VC5402 Datasheet HTML 19Page - Texas Instruments TMS320VC5402 Datasheet HTML 20Page - Texas Instruments TMS320VC5402 Datasheet HTML 21Page - Texas Instruments TMS320VC5402 Datasheet HTML 22Page - Texas Instruments TMS320VC5402 Datasheet HTML 23Page - Texas Instruments TMS320VC5402 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
multichannel buffered serial ports
The ’5402 device includes two high-speed, full-duplex multichannel buffered serial ports (McBSPs) that allow
direct interface to other ’C54x/’LC54x devices, codecs, and other devices in a system. The McBSPs are based
on the standard serial port interface found on other ’54x devices. Like its predecessors, the McBSP provides:
D Full-duplex communication
D Double-buffered data registers, which allow a continuous data stream
D Independent framing and clocking for receive and transmit
In addition, the McBSP has the following capabilities:
D Direct interface to:
–
T1/E1 framers
–
MVIP switching compatible and ST-BUS compliant devices
–
IOM-2 compliant devices
–
Serial peripheral interface devices
D Multichannel transmit and receive of up to 128 channels
D A wide selection of data sizes including 8, 12, 16, 20, 24, or 32 bits
D µ-law and A-law companding
D Programmable polarity for both frame synchronization and data clocks
D Programmable internal clock and frame generation
The McBSPs consist of separate transmit and receive channels that operate independently. The external
interface of each McBSP consists of the following pins:
D BCLKX
Transmit reference clock
D BDX
Transmit data
D BFSX
Transmit frame synchronization
D BCLKR
Receive reference clock
D BDR
Receive data
D BFSR
Receive frame synchronization
The six pins listed are functionally equivalent to previous serial port interface pins in the ’C5000 family of DSPs.
On the transmitter, transmit frame synchronization and clocking are indicated by the BFSX and BCLKX pins,
respectively. The CPU or DMA can initiate transmission of data by writing to the data transmit register (DXR).
Data written to DXR is shifted out on the BDX pin through a transmit shift register (XSR). This structure allows
DXR to be loaded with the next word to be sent while the transmission of the current word is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com