Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2465CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2465CPWR
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2465CPWR Datasheet HTML 11Page - Texas Instruments TLV2465CPWR Datasheet HTML 12Page - Texas Instruments TLV2465CPWR Datasheet HTML 13Page - Texas Instruments TLV2465CPWR Datasheet HTML 14Page - Texas Instruments TLV2465CPWR Datasheet HTML 15Page - Texas Instruments TLV2465CPWR Datasheet HTML 16Page - Texas Instruments TLV2465CPWR Datasheet HTML 17Page - Texas Instruments TLV2465CPWR Datasheet HTML 18Page - Texas Instruments TLV2465CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
15
WWW.TI.COM
TYPICAL CHARACTERISTICS
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
40
20
0
−20
100
10k
f − Frequency − Hz
50
30
10
−10
1k
100k
1M
60
80
10
70
90
−140
°
−200
°
−120
°
−100
°
−80
°
100
−60
°
−40
°
−20
°
0
°
20
°
40
°
−180
°
−160
°
10M
AVD
Phase
VDD = ±2.5 V
RL = 10 kΩ
CL = 0
TA = 25°C
Figure 12
Figure 13
RL − Load Resistance − Ω
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
120
80
40
0
140
100
60
20
1k
10k
1M
180
100
100k
160
TA = 25°C
VDD = ±2.5 V
VDD = ±1.5 V
Figure 14
CAPACITIVE LOAD
vs
LOAD RESISTANCE
10
100
10k
RL − Load Resistance − Ω
1k
10000
100
1000
Phase Margin > 30
°
VDD = 5 V
Phase Margin = 30
°
TA = 25°C
Phase Margin < 30
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com