Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2465CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2465CPWR
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2465CPWR Datasheet HTML 18Page - Texas Instruments TLV2465CPWR Datasheet HTML 19Page - Texas Instruments TLV2465CPWR Datasheet HTML 20Page - Texas Instruments TLV2465CPWR Datasheet HTML 21Page - Texas Instruments TLV2465CPWR Datasheet HTML 22Page - Texas Instruments TLV2465CPWR Datasheet HTML 23Page - Texas Instruments TLV2465CPWR Datasheet HTML 24Page - Texas Instruments TLV2465CPWR Datasheet HTML 25Page - Texas Instruments TLV2465CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
22
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 36
CL − Load Capacitance − pF
PHASE MARGIN
vs
LOAD CAPACITANCE
60
40
20
0
70
50
30
10
100
1k
100k
90
10
10k
80
VDD = ±2.5 V
TA = 25°C
RL = 10 kΩ
Rnull = 50 Ω
Rnull = 20 Ω
Rnull = 0 Ω
Figure 37
TA − Free-Air Temperature − °C
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
60
50
40
30
−35
5
55
45
35
−15
25
125
−55
45
65
RL = 10 kΩ
CL = 160 pF
85
105
VDD = ±2.5 V
VDD = ±1.5 V
Figure 38
VDD − Supply Voltage − V
GAIN BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
2.5
3
3.5
4
5.5
6
5
4.5
5
4.5
4
3.5
4.75
4.25
3.75
CL = 160 pF
RL = 10 kΩ
f = 10 kHz
TA = 25°C
Figure 39
TA − Free-Air Temperature − °C
GAIN BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
4.5
4
3.5
3
−35
5
4.25
3.75
3.25
−15
25
125
−55
45
65
RL = 10 kΩ
CL = 160 pF
85
105
VDD = ±2.5 V
VDD = ±1.5 V
5
4.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com