Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1629113 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1629113
Description  M23-12P1N8A9004S - Coupler connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1629113 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1629113 Datasheet HTML 1Page - PHOENIX CONTACT 1629113 Datasheet HTML 2Page - PHOENIX CONTACT 1629113 Datasheet HTML 3Page - PHOENIX CONTACT 1629113 Datasheet HTML 4Page - PHOENIX CONTACT 1629113 Datasheet HTML 5Page - PHOENIX CONTACT 1629113 Datasheet HTML 6Page - PHOENIX CONTACT 1629113 Datasheet HTML 7Page - PHOENIX CONTACT 1629113 Datasheet HTML 8Page - PHOENIX CONTACT 1629113 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Coupler connector, series: M23 PRO, straight, shielded: yes, for standard and ONECLICK
fast locking system, No. of pos.: 12, Direction of rotation: Standard, contact connection type: Pin,
Crimp connection, cable diameter range: 9 mm ... 15 mm, coding: N, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb <0.1%)
Your advantages
Solutions with cross-manufacturer compatibility for standard and fast locking systems
•
Modern, consistent design for highly convenient operation
•
Easy, cost-effective cable assembly: uniform shielding of M17 to M40
•
Commercial data
Item number
1629113
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB30
Product key
ABRABG
GTIN
4055626762609
Weight per piece (including packing)
113.2 g
Weight per piece (excluding packing)
113.2 g
Customs tariff number
85366990
Country of origin
DE
M23-12P1N8A9004S - Coupler connector
1629113
https://www.phoenixcontact.com/us/products/1629113
Jan 15, 2024, 7:31 AM
Page 1 (17)


Similar Part No. - 1629113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629110 PHOENIX-1629110 Datasheet
671Kb / 17P
M23-17S1N8A9003S - Coupler connector
logo
Weidmuller
1629110000 WEIDMULLER-1629110000 Datasheet
92Kb / 3P
SL 7.50/8/180 3.2SN OR
1629110000 WEIDMULLER-1629110000 Datasheet
92Kb / 3P
SL 7.50/11/180 3.2SN OR
logo
PHOENIX CONTACT
1629111 PHOENIX-1629111 Datasheet
672Kb / 18P
M23-17S1N8A9002S - Coupler connector
1629112 PHOENIX-1629112 Datasheet
695Kb / 17P
M23-12P1N8A90DUS - Coupler connector
More results

Similar Description - 1629113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628779 PHOENIX-1628779 Datasheet
573Kb / 14P
M23-7EP198A9LDLS - Coupler connector
1628785 PHOENIX-1628785 Datasheet
537Kb / 12P
M23-5EP198A9LDLS - Coupler connector
1628789 PHOENIX-1628789 Datasheet
537Kb / 12P
M23-5EP198A9L23S - Coupler connector
1628838 PHOENIX-1628838 Datasheet
573Kb / 14P
M23-7ES198A9L24S - Coupler connector
1629105 PHOENIX-1629105 Datasheet
726Kb / 17P
M23-17P1N8A9004S - Coupler connector
1629112 PHOENIX-1629112 Datasheet
695Kb / 17P
M23-12P1N8A90DUS - Coupler connector
1629118 PHOENIX-1629118 Datasheet
710Kb / 17P
M23-12S1N8A9003S - Coupler connector
1629140 PHOENIX-1629140 Datasheet
602Kb / 15P
M23-06P1N8A90DUS - Coupler connector
1329283 PHOENIX-1329283 Datasheet
709Kb / 17P
M23-12P2N8A9003S - Coupler connector
1629117 PHOENIX-1629117 Datasheet
713Kb / 18P
M23-12S1N8A9004S - Coupler connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com