Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1629113 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1629113
Description  M23-12P1N8A9004S - Coupler connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1629113 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1629113 Datasheet HTML 9Page - PHOENIX CONTACT 1629113 Datasheet HTML 10Page - PHOENIX CONTACT 1629113 Datasheet HTML 11Page - PHOENIX CONTACT 1629113 Datasheet HTML 12Page - PHOENIX CONTACT 1629113 Datasheet HTML 13Page - PHOENIX CONTACT 1629113 Datasheet HTML 14Page - PHOENIX CONTACT 1629113 Datasheet HTML 15Page - PHOENIX CONTACT 1629113 Datasheet HTML 16Page - PHOENIX CONTACT 1629113 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RC-22P2300 - Crimp contact
1603324
https://www.phoenixcontact.com/us/products/1603324
Crimp contact, Pin, rolled, Taped product, number of pieces per reel: 500,
contact diameter: 1 mm, crimp range: 0.22 mm2 ... 0.56 mm2, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb <0.1%)
RC-22P2400 - Crimp contact
1603325
https://www.phoenixcontact.com/us/products/1603325
Crimp contact, Pin, rolled, Taped product, number of pieces per reel: 10000,
contact diameter: 1 mm, crimp range: 0.22 mm2 ... 0.56 mm2, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb <0.1%)
M23-12P1N8A9004S - Coupler connector
1629113
https://www.phoenixcontact.com/us/products/1629113
Jan 15, 2024, 7:31 AM
Page 13 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com