Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 125 page
background image
56F8014 Technical Data, Rev. 9
6
Freescale Semiconductor
Preliminary
Part 1 Overview
1.1 56F8014 Features
1.1.1
Digital Signal Controller Core
•
Efficient 16-bit 56800E family Digital Signal Controller (DSC) engine with dual Harvard architecture
•
As many as 32 Million Instructions Per Second (MIPS) at 32MHz core frequency
•
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•
Four 36-bit accumulators, including extension bits
•
32-bit arithmetic and logic multi-bit shifter
•
Parallel instruction set with unique DSP addressing modes
•
Hardware DO and REP loops
•
Three internal address buses
•
Four internal data buses
•
Instruction set supports both DSP and controller functions
•
Controller-style addressing modes and instructions for compact code
•
Efficient C compiler and local variable support
•
Software subroutine and interrupt stack with depth limited only by memory
•
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time
debugging
1.1.2
Memory
•
Dual Harvard architecture permits as many as three simultaneous accesses to program and data memory
•
Flash security and protection
that prevent unauthorized users from gaining access to the internal Flash
•On-chip memory
— 16KB of Program Flash
— 4KB of Unified Data/Program RAM
•
EEPROM emulation capability
using Flash
1.1.3
Peripheral Circuits for 56F8014
•
One multi-function five-output Pulse Width Modulator (PWM) module
— Up to 96MHz PWM operating clock
— 15 bits of resolution
— Center-aligned and Edge-aligned PWM signal mode
— Three programmable fault inputs with programmable digital filter
— Double-buffered PWM registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com