Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
56F8014 Features
56F8014 Technical Data, Rev. 9
Freescale Semiconductor
7
Preliminary
— Taking into account values setting ADC high- and low-limit registers, each complementary
PWM signal pair allows selection of a PWM supply source from:
– PWM generator
– External GPIO
– Internal timers
– ADC conversion result
•
Two independent 12-bit Analog-to-Digital Converters (ADCs)
— 2 x 4 channel inputs
— Supports both simultaneous and sequential conversions
— ADC conversions can be synchronized by both PWM and timer modules
— Sampling rate up to 2.67MSPS
— 8-word result buffer registers
— ADC Smart Power Management (Auto-standby, auto-powerdown)
•
One 16-bit multi-purpose Quad Timer module (TMR)
— Up to 96MHz operating clock
— Four independent 16-bit counter/timers with cascading capability
— Each timer has capture and compare capability
— Up to 12 operating modes
•
One 16-bit multi-purpose Quad Timer module (TMR)
— Up to 96MHz operating clock
— Four independent 16-bit counter/timers with cascading capability
— Each timer has capture and compare capability
— Up to 12 operating modes
•
One 16-bit multi-purpose Quad Timer module (TMR)
— Up to 96MHz operating clock
— Four independent 16-bit counter/timers with cascading capability
— Each timer has capture and compare capability
— Up to 12 operating modes
•
Computer Operating Properly (COP)/Watchdog timer capable of selecting different clock sources
•
Up to 26 General-Purpose I/O (GPIO) pins with 5V tolerance
•
Integrated Power-On Reset and Low-Voltage Interrupt Module
•
Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals
•
Clock Sources:
— On-chip relaxation oscillator
— External clock source
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
JTAG/EOnCE debug programming interface for real-time debugging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com