Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F803 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Reset, Stop, Wait, Mode Select, and Interrupt Timing
56F803 Technical Data, Rev. 15
Freescale Semiconductor
33
Edge-sensitive Interrupt Request Width
tIRW
1.5T
—
ns
Figure 3-13
IRQA, IRQB Assertion to External Data Memory
Access Out Valid, caused by first instruction execution
in the interrupt service routine
tIDM
15T
—
ns
Figure 3-14
IRQA, IRQB Assertion to General Purpose Output
Valid, caused by first instruction execution in the
interrupt service routine
tIG
16T
—
ns
Figure 3-14
IRQA Low to First Valid Interrupt Vector Address Out
recovery from Wait State3
tIRI
13T
—
ns
Figure 3-15
IRQA Width Assertion to Recover from Stop State4
tIW
2T
—
ns
Figure 3-16
Delay from IRQA Assertion to Fetch of first instruction
(exiting Stop)
OMR Bit 6 = 0
OMR Bit 6 = 1
tIF
—
—
275,000T
12T
ns
ns
Figure 3-16
Duration for Level Sensitive IRQA Assertion to Cause
the Fetch of First IRQA Interrupt Instruction (exiting
Stop)
OMR Bit 6 = 0
OMR Bit 6 = 1
tIRQ
—
—
275,000T
12T
ns
ns
Figure 3-17
Delay from Level Sensitive IRQA Assertion to First
Interrupt Vector Address Out Valid (exiting Stop)
OMR Bit 6 = 0
OMR Bit 6 = 1
tII
—
—
275,000T
12T
ns
ns
Figure 3-17
1.
In the formulas, T = clock cycle. For an operating frequency of 80MHz, T = 12.5ns.
2.
Circuit stabilization delay is required during reset when using an external clock or crystal oscillator in two cases:
• After power-on reset
• When recovering from Stop state
3.
The minimum is specified for the duration of an edge-sensitive IRQA interrupt required to recover from the Stop state. This is
not the minimum required so that the IRQA interrupt is accepted.
4.
The interrupt instruction fetch is visible on the pins only in Mode 3.
5.
Parameters listed are guaranteed by design.
Table 3-11 Reset, Stop, Wait, Mode Select, and Interrupt Timing (Continued)1, 5
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF
Characteristic
Symbol
Min
Max
Unit
See Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com