Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F803 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56F803 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
56F803 Description
56F803 Technical Data, Rev. 15
Freescale Semiconductor
5
•
Four General Purpose Quad Timers: Timer A (sharing pins with Quad Dec0), Timers B &C without external
pins and Timer D with two pins
•
CAN 2.0 B module with 2-pin ports for transmit and receive
•
Serial Communication Interface (SCI) with two pins (or two additional GPIO lines)
•
Serial Peripheral Interface (SPI) with configurable 4-pin port (or four additional GPIO lines)
•
Computer Operating Properly (COP) Watchdog timer
•
Two dedicated external interrupt pins
•
Sixteen multiplexed General Purpose I/O (GPIO) pins
•
External reset input pin for hardware reset
•
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
•
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
1.1.4
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
Uses a single 3.3V power supply
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
1.2 56F803 Description
The 56F803 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact
program code, the 56F803 is well-suited for many applications. The 56F803 includes many peripherals
that are especially useful for applications such as motion control, smart appliances, steppers, encoders,
tachometers, limit switches, power supply and control, automotive control, engine management, noise
suppression, remote utility metering, and industrial control for power, lighting, and automation.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact device and control code.
The instruction set is also highly efficient for C compilers to enable rapid development of optimized
control applications.
The 56F803 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F803 also provides two external
dedicated interrupt lines, and up to 16 General Purpose Input/Output (GPIO) lines, depending on
peripheral configuration.
The 56F803 controller includes 31.5K words (16-bit) of Program Flash and 4K words of Data Flash (each
programmable through the JTAG port) with 512 words of Program RAM and 2K words of Data RAM. It
also supports program execution from external memory.
A total of 2K words of Boot Flash is incorporated for easy customer-inclusion of field-programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com