Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56364P Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # DSP56364P
Description  24-Bit Audio Digital Signal Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56364P Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button DSP56364P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56364P Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
External Memory Expansion Port (Port A)
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
3-33
191
RD assertion to RAS deassertion
tROH
11.5
× T
C − 4.0
111.0
—
ns
192
RD assertion to data valid
tGA
10
× T
C − 7.0
—
93.0
ns
193
RD deassertion to data not valid3
tGZ
0.0
—
ns
194
WR assertion to data active
0.75
× T
C − 0.3
7.2
—
ns
195
WR deassertion to data high impedance
0.25
× T
C
—2.5
ns
1 The number of wait states for out-of-page access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
4 The asynchronous delays specified in the expressions are valid for DSP56364.
5 Either t
RCH or tRRH must be satisfied for read cycles.
Table 3-16 DRAM Out-of-Page and Refresh Timings, Fifteen Wait States1, 2
No.
Characteristics3
Symbol
Expression
Min
Max
Unit
157
Random read or write cycle time
tRC
16
× T
C
160.0
—
ns
158
RAS assertion to data valid (read)
tRAC
8.25
× T
C − 5.7
—
76.8
ns
159
CAS assertion to data valid (read)
tCAC
4.75
× T
C − 5.7
—
41.8
ns
160
Column address valid to data valid (read)
tAA
5.5
× T
C − 5.7
—
49.3
ns
161
CAS deassertion to data not valid (read hold time)
tOFF
0.0
0.0
—
ns
162
RAS deassertion to RAS assertion
tRP
6.25
× T
C − 4.0
58.5
—
ns
163
RAS assertion pulse width
tRAS
9.75
× T
C − 4.0
93.5
—
ns
164
CAS assertion to RAS deassertion
tRSH
6.25
× T
C − 4.0
58.5
—
ns
165
RAS assertion to CAS deassertion
tCSH
8.25
× T
C − 4.0
78.5
—
ns
166
CAS assertion pulse width
tCAS
4.75
× T
C − 4.0
43.5
—
ns
167
RAS assertion to CAS assertion
tRCD
3.5
× T
C ± 2
33.0
37.0
ns
168
RAS assertion to column address valid
tRAD
2.75
× T
C ± 2
25.5
29.5
ns
169
CAS deassertion to RAS assertion
tCRP
7.75
× T
C − 4.0
73.5
—
ns
170
CAS deassertion pulse width
tCP
6.25
× T
C − 4.0
58.5
—
ns
171
Row address valid to RAS assertion
tASR
6.25
× T
C − 4.0
58.5
—
ns
172
RAS assertion to row address not valid
tRAH
2.75
× T
C − 4.0
23.5
—
ns
Table 3-15 DRAM Out-of-Page and Refresh Timings, Eleven Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression4
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com