Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374PB/D Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56374PB/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374PB/D Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56374PB/D Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Features
Freescale Semiconductor
4
•
Six-channel DMA controller
•
Provides a wide range of frequency multiplications (1 to 255), predivider factors (1 to 31), PLL
feedback multiplier (2 or 4), Output divide factor (1, 2, or 4) and a power-saving clock divider
(2i: i = 0 to 7) to reduce clock noise
•
Internal address tracing support and OnCE for Hardware/Software debugging
•
JTAG port, supporting boundary scan, compliant to IEEE 1149.1
•
Very low-power CMOS design, fully static design with operating frequencies down to DC
•
STOP and WAIT low-power standby modes
2.2
On-chip Memory Configuration
•
6Kx24 Bit Y-Data RAM and 4Kx24 Bit Y-Data ROM
•
6Kx24 Bit X-Data RAM and 4Kx24 Bit X-Data ROM
•
20Kx24 Bit Program and Bootstrap ROM including a PROM patching mechanism
•
6Kx24 Bit Program RAM.
•
Various memory switches are available. See memory table below.
2.3
Peripheral
Modules
•
Enhanced Serial Audio Interface (ESAI): up to 4 receiver pins and up to 6 transmitter pins, master
or slave. I2S, Sony, AC97, network, and other programmable protocols.
•
Enhanced Serial Audio Interface I (ESAI_1): up to 4 receiver pins and up to 6 transmitter pins,
master or slave. I2S, Sony, AC97, network and other programmable protocols. Note: Available in
the 80-pin package only.
•
Serial Host Interface (SHI): SPI and I2C protocols, 10-word receive FIFO, support for 8, 16, and
24-bit words. Three noise reduction filter modes.
•
Triple Timer module (TEC)
•
Most pins of unused peripherals may be programmed as GPIO pins. Up to 47 pins can be
configured as GPIO on the 80 pin package and 20 pins on the 52 pin package.
Table 1. DSP56374 Memory Switch Configurations
Bit Settings
Memory Sizes (24-bit words)
MSW1
MSW0
MS
Prog
RAM
X Data
RAM
Y Data
RAM
Prog
ROM
X Data
ROM
Y Data
ROM
X
X
0
6K
6K
6K
20K
4K
4K
0
0
1
2K
10K
6K
20K
4K
4K
0
1
1
4K
8K
6K
20K
4K
4K
1
0
1
8K
4K
6K
20K
4K
4K
1
1
1
10K
4K
4K
20K
4K
4K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com