Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374PB/D Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # DSP56374PB/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374PB/D Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button DSP56374PB/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56374PB/D Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
19
SCKR_1
Input or output
GPIO
disconnected
Receiver Serial Clock_1—SCKR_1 provides the receiver
serial bit clock for the ESAI_1. The SCKR_1 operates as a
clock input or output used by all the enabled receivers in the
asynchronous mode (SYN=0), or as serial flag 0 pin in the
synchronous mode (SYN=1).
When this pin is configured as serial flag pin, its direction is
determined by the RCKD bit in the RCCR_1 register. When
configured as the output flag OF0, this pin will reflect the
value of the OF0 bit in the SAICR_1 register, and the data
in the OF0 bit will show up at the pin synchronized to the
frame sync in normal mode or the slot in network mode.
When configured as the input flag IF0, the data value at the
pin will be stored in the IF0 bit in the SAISR_1 register,
synchronized by the frame sync in normal mode or the slot
in network mode.
PE0
Input, output, or
disconnected
Port E0—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
SCKT_1
Input or output
GPIO
disconnected
Transmitter Serial Clock_1—This signal provides the serial
bit rate clock for the ESAI_1. SCKT_1 is a clock input or
output used by all enabled transmitters and receivers in
synchronous mode, or by all enabled transmitters in
asynchronous mode.
PE3
Input, output, or
disconnected
Port E3—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
Table 11. Enhanced Serial Audio Interface_1 Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com