Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56852 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56852 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
56852 Technical Data, Rev. 8
Freescale Semiconductor
3
56852 Block Diagram
JTAG/
Enhanced
OnCE
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
PLL
Clock
Generator
16-Bit
56800E Core
XTAL
EXTAL
Interrupt
Controller
COP/
Watch-
dog
1 Quad
Timer
or A17,
A18
2
CLKO
muxed (A20)
External Bus
Interface Unit
6
RESET
IRQA
IRQB
VDD VSSIO
VDDA VSSA
WR Enable
RD Enable
CS[2:0] muxed (GPIOA)
A0-16
MODE
D0-D12[12:0]
6
Program Memory
6144 x 16 SRAM
Boot ROM
1024 x 16 ROM
Data Memory
4096 x 16 SRAM
PDB
PDB
XAB1
XAB2
XDB2
CDBR
SSI or
SPI or
GPIOC
SCI or
GPIOE
IPBus Bridge (IPBB)
3
muxed (D13-15)
3
6
A17-18 muxed (timer pins)
A19 muxed (CS3)
D13-15 muxed (Mode A,B,C)
VDDIO
6
Integration
Module
System
P
O
R
O
S
C
Decoding
Peripherals
Peripheral
Address
Decoder
Peripheral
Device
Selects
System
Address
Decoder
RW
Control
IPAB
IPWDB
IPRDB
2
System
Device
System
Bus
Control
R/W Control
Memory
PAB
PAB
CDBW
CDBR
CDBW
Clock
resets
VSS
3
SSI or
SPI or
GPIOC
External Data
Bus Switch
Bus Control
External Address
Bus Switch
DSP56852 General Description
• 120 MIPS at 120MHz
• 6K x 16-bit Program SRAM
• 4K x 16-bit Data SRAM
• 1K x 16-bit Boot ROM
• 21 External Memory Address lines, 16 data lines and
four chip selects
• One (1) Serial Port Interface (SPI) or one (1) Improved
Synchronous Serial Interface (ISSI)
• One (1) Serial Communication Interface (SCI)
• Interrupt Controller
• General Purpose 16-bit Quad Timer
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Computer Operating Properly (COP)/Watchdog Timer
• 81-pin MAPBGA package
•Up to 11 GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com