Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56852 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56852 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
56852 Technical Data, Rev. 8
4
Freescale Semiconductor
Part 1 Overview
1.1 56852 Features
1.1.1
Core
•
Efficient 16-bit engine with dual Harvard architecture
•
120 Million Instructions Per Second (MIPS) at 120MHz core frequency
•
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•
Four (4) 36-bit accumulators including extension bits
•
16-bit bidirectional shifter
•
Parallel instruction set with unique DSP addressing modes
•
Hardware DO and REP loops
•
Three (3) internal address buses and one (1) external address bus
•
Four (4) internal data buses and one (1) external data bus
•
Instruction set supports both DSP and controller functions
•
Four (4) hardware interrupt levels
•
Five (5) software interrupt levels
•
Controller-style addressing modes and instructions for compact code
•
Efficient C Compiler and local variable support
•
Software subroutine and interrupt stack with depth limited only by memory
•
JTAG/Enhanced OnCE debug programming interface
1.1.2
Memory
•
Harvard architecture permits as many as three simultaneous accesses to program and data memory
•
On-chip memory includes:
—6K
× 16-bit Program SRAM
—4K
× 16-bit Data SRAM
—1K
× 16-bit Boot ROM
•
21 External Memory Address lines, 16 data lines and four (4) programmable chip select signals
1.1.3
Peripheral Circuits for DSP56852
•
General Purpose 16-bit Quad Timer with two external pins*
•
One (1) Serial Communication Interface (SCI)*
•
One (1) Serial Port Interface (SPI) or one (1) Improved Synchronous Serial Interface (ISSI) module*
•
Interrupt Controller
•
Computer Operating Properly (COP)/Watchdog Timer
•
JTAG/Enhanced On-Chip Emulation (EOnCE) for unobtrusive, real-time debugging
•
81-pin MAPBGA package
•Up to 11 GPIO
* Each peripheral I/O can be used alternately as a General Purpose I/O if not needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com