Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101VAF50 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MAC7101VAF50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101VAF50 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MAC7101VAF50 Datasheet HTML 24Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 25Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 26Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 27Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 28Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 29Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 30Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 31Page - Freescale Semiconductor, Inc MAC7101VAF50 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
28
3.10.3 ATD Timing Specifications
Figure 10. ATD External Trigger Timing Diagram
Table 31. ATD External Trigger Timing Specifications
Num C
Parameter
Symbol
Min
Max
Unit
T1
D ETRIG Period (Level-Sensitive Trigger Mode)
TPERIOD 1 + NCONVn
1
NOTES:
1. NCONVn denotes 8- or 10-bit conversion time (refer to specifications N4, N5, P4 and P5). In order to achieve the
minimum period between conversions when using level-sensitive triggering, ETRIG must remain asserted this long.
—
fATDCLK Cycles
T2
D ETRIG Minimum Pulse Width
Edge-Sensitive Trigger Mode
Level-Sensitive Trigger Mode
tPW
1
2
—
—
fATDCLK Cycles
T3
D ETRIG Level Recovery 2
2. Time prior to the end of a conversion that ETRIG must be negated in order to prevent the start of another conversion.
tLR
1—
fATDCLK Cycles
T4
D Conversion Start Delay
tDLY
—2
fATDCLK Cycles
Level Sensitive
Low Active
Sequence
Conversion Activity
Complete Flag
Low Active
Sequence
Complete Flag
Conversion Activity
Level Sensitive
Falling Edge Active
Conversion Activity
Edge Sensitive
ETRIG
ANn_x
ETRIG
ASCIF
ANn_x
ETRIG
ASCIF
ANn_x
T2
T1
T4
T4
T2
T4
T4
T4
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com