| Electronic Components Datasheet Search |
|
MAC7101CVM50 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101CVM50 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 56 page ![]() MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Device Pin Assignments Freescale Semiconductor 36 4 Device Pin Assignments The MAC7100 Family is available in 208-pin ball grid array (MAP BGA), 144-pin low profile quad flat (LQFP), 112-pin LQFP, and 100-pin LQFP package options. The family of devices offer pin-compatible packaged devices to assist with system development and accommodate a direct application enhancement path. Refer to Table 2 for a comparison of the peripheral sets and package options for each device. Most pins perform two or more functions, which are described in more detail in the MAC7100 Microcontroller Family Reference Manual (MAC7100RM). Table 37, Table 38 and Figure 15 through Figure 22 show the pin assignments for various devices and packages. Table 37. Signal Pin Assignments Primary / GPIO Function Peripheral Function 1 External Bus Function 1 Debug Function 1 Read on Reset Pin Number (by Device) 7101 7106 7111 7116 7112 7121 7126 7122 7131 7136 7141 7142 EXTAL — — — — 60 60 60 48 48 T10 T10 45 XTAL — — — — 61 61 61 49 49 T11 T11 46 XFC — — — — 58 58 58 46 46 T9 T9 43 RESET — — — — 48 48 48 36 36 T7 T7 33 TDI — — — — 128 128 128 102 102 A8 A8 93 TDO — — — — 129 129 129 103 103 B8 B8 94 TCK — — — — 130 130 130 104 104 A7 A7 95 TMS — — — — 131 131 131 105 105 B7 B7 96 —— TA / AS 2 — — — 79 ——— M14 M14 — PA0 — DATA0 3 MCKO 4 — 138 138 138 106 106 B5 B5 — PA1 — DATA1 3 EVTO — 137 137 137 — — C5 C5 — PA2 — DATA2 3 EVTI — 136 136 136 — — A5 A5 — PA3 — DATA3 3 MDO0 — 135 135 135 — — C6 C6 — PA4 — DATA4 3 MDO1 — 134 134 134 — — B6 B6 — PA5 — DATA5 3 MSEO — 133 133 133 — — A6 A6 — PA6 — DATA6 3 RDY — 132 132 132 — — C7 C7 — PA7 — DATA7 3 — — — 9898 7474 H15 H15 65 PA8 — DATA8 3 — — — 9797 7373 H13 H13 64 PA9 — DATA9 3 — — — 9696 7272 H14 H14 63 PA10 — DATA10 3 — — — 9595 7171 H16 H16 — PA11 — DATA11 3 — — — 9494 7070 J15 J15 — PA12 — DATA12 3 — — — 9393 6969 J14 J14 — PA13 — DATA13 3 — — 67 67 67 53 53 R12 R12 — PA14 — DATA14 3 —PS 3 66 66 66 52 52 T12 T12 — PA15 — DATA15 3 —AA 3 65 65 65 51 51 P11 P11 48 PB0 SDA — — — 15 15 15 11 11 G1 G1 8 PB1 SCL — — — 16 16 16 12 12 H3 H3 9 PB2 SIN_A — — — 17 17 17 13 13 H2 H2 10 PB3 SOUT_A — — — 18 18 18 14 14 H1 H1 11 PB4 SCK_A — — — 19 19 19 15 15 J3 J3 12 PB5 PCS0_A / SS_A — — — 20 20 20 16 16 J1 J1 13 PB6 PCS1_A — — — 21 21 21 17 17 J2 J2 14 PB7 PCS2_A — — — 22 22 22 18 18 K1 K1 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |