Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101VVM50 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MAC7101VVM50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101VVM50 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MAC7101VVM50 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7101VVM50 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
OrderingInformation
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
3
Table 2. MAC7100 Family Device Derivatives
Module Options
Program Flash
512 KBytes
256 KBytes
1 MByte
Data Flash
32 KBytes
SRAM
32 KBytes
16 KBytes
48 KBytes
External Bus
—
Yes
—
Yes
—————
Yes
—
Yes
ATD Modules 1
NOTES:
1. 16 channels, 8/10-bit, per module.
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B
Yes
——
Yes
————
Yes
—
—
Yes
CAN Modules
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
C
Yes
Yes
Yes
Yes
—
—
—
—
Yes
Yes
Yes
Yes
D
Yes
Yes
Yes
Yes
————
Yes
Yes
Yes
Yes
eSCI Modules
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
C
Yes
Yes
Yes
Yes
—
Yes
Yes
—
Yes
Yes
Yes
Yes
D
Yes
Yes
Yes
Yes
Yes
—
—
—
Yes
Yes
Yes
Yes
DSPI Modules
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes 2
2. Four additional chip selects available.
BYes
Yes
Yes 3
3. PB11 / PCS2_B not available on non-L49P-mask devices; PB10 / PCS5_B / PCSS_B not available on mask L47W devices.
Yes
Yes
Yes
Yes 3
Yes
Yes
Yes
Yes 3
Yes 2
I2C Module
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
eMIOS Module
16 channels, 16-bit
Timer Module
10 channels, 24-bit
A
10
16
10
16
41610
4
10
161016
B
16
16
15
16
16
16
15
16
16
16
15
16
C
1216
116
—
16
1
—
12
16
1
16
D
10 4
4. Reduce these values by one for mask set L49P devices (PD2 is not available for general-purpose use).
16 4
11 4
16 4
10 4
16
11
10
10
16
11
16
E
16
16
16
1616161616
16
161616
F
16
16
16
16
16
16
16
16
16
16
16
16
G
16
16
16
1610161610
16
161616
H
16
—
—
16
—
—
—
—
16
—
—
16
I
————
——————
—
16
Total (max.)
112 4
112 4
85 4
128 4
72 4
112
85
72
112
112
85
144
Package
144
LQFP
144
LQFP
112
LQFP
208
BGA
100
LQFP
144
LQFP
112
LQFP
100
LQFP
144
LQFP
144
LQFP
112
LQFP
208
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com