Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-4BFX Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA14V2-4BFX
Description  QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BFX Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA14V2-4BFX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ESDA14V2-4BF2
6/7
Figure 16: FLIP-CHIP Tape and Reel Specification
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings relat-
ed to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECO-
PACK specifications are available at: www.st.com.
Table 4: Ordering Information
Note: More informations are available in the application notes:
AN1235: “Flip-Chip: Package description and recommendations for use”
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
ESDA14V2-4BF2
EA
Flip-Chip
2.1 mg
5000
Tape & reel 7”
Table 5: Revision History
Date
Revision
Description of Changes
14-Mar-2005
1
First issue.
18-Oct-2005
2
Dimension from center bump to corner bump changed in
Figure 13 to indicate diagonal instead of perpendicular
measurement. No values changed. ECOPACK statement
added.
17-Jan-2006
3
Die dimensions changed in Figure 13. Cavity depth
changed in Figure 16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com