Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-4BFX Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA14V2-4BFX
Description  QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BFX Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA14V2-4BFX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BFX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESDA14V2-4BF2
5/7
Figure 12: Ordering Information Scheme
Figure 13: FLIP-CHIP Package Mechanical Data
Figure 14: Foot print recommendations
Figure 15: Marking
ESDA
14V2 - 4
B
Fx
ESD Array
Number of line
Package
Breakdown Voltage
Type
14V2 = 14.2 Volts min.
B = Bidirectional
4 = 4 lines
F = Flip-Chip
x = 2: Leadfree Pitch = 500µm, Bump = 315µm
1.12 mm ± 50µm
315µm ± 50
700µm ± 50
650µm ± 65
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 315µm copper pad diameter
x
y
x
w
z
w
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com