Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST45LF010 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST45LF010
Description  1 Mbit Serial Flash
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST45LF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST45LF010 Datasheet HTML 16Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
1 Mbit Serial Flash
SST45LF010
15
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
PACKAGING DIAGRAMS
8-LEAD SMALL OUTLINE INTEGRATED CIRCUIT (SOIC)
SST PACKAGE CODE: SA
08-soic-5x6-SA-7
Note: 1. Complies with JEDEC publication 95 MS-012 AA dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads.
Top View
Side View
End View
5.0
4.8
6.20
5.80
4.00
3.80
Pin #1
Identifier
0.51
0.33
1.27 BSC
0.25
0.10
1.75
1.35
7˚
4 places
0.25
0.19
1.27
0.40
45˚
7˚
4 places
0˚
8˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com