Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210CIRSWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA210CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210CIRSWR Datasheet(HTML) 3 Page - Texas Instruments

  INA210CIRSWR Datasheet HTML 1Page - Texas Instruments INA210CIRSWR Datasheet HTML 2Page - Texas Instruments INA210CIRSWR Datasheet HTML 3Page - Texas Instruments INA210CIRSWR Datasheet HTML 4Page - Texas Instruments INA210CIRSWR Datasheet HTML 5Page - Texas Instruments INA210CIRSWR Datasheet HTML 6Page - Texas Instruments INA210CIRSWR Datasheet HTML 7Page - Texas Instruments INA210CIRSWR Datasheet HTML 8Page - Texas Instruments INA210CIRSWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
4 Pin Configurations and Functions
1
2
3
6
5
4
OUT
IN
-
IN+
REF
GND
V+
Figure 4-1. DCK Package 6-Pin SC70 Top View
NC
(1)
V+
NC
(1)
IN+
IN+
IN-
IN-
REF
8
9
10
5
4
3
1
2
7
6
GND
OUT
A.
NC(1) denotes no internal connection. These pins can be left
floating or connected to any voltage between V– and V+.
Figure 4-2. RSW Package 10-Pin Thin UQFN Top
View
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCK
RSW
GND
2
9
Analog
Ground
IN–
5
4, 5
Analog input Connect to load side of shunt resistor
IN+
4
2, 3
Analog input Connect to supply side of shunt resistor
NC
—
1, 7
—
Not internally connected. Leave floating or connect to ground.
OUT
6
10
Analog
output
Output voltage
REF
1
8
Analog input Reference voltage, 0 V to V+
V+
3
6
Analog
Power supply, 2.7 V to 26 V
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com