Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210CIRSWR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # INA210CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210CIRSWR Datasheet(HTML) 43 Page - Texas Instruments

Back Button INA210CIRSWR Datasheet HTML 37Page - Texas Instruments INA210CIRSWR Datasheet HTML 38Page - Texas Instruments INA210CIRSWR Datasheet HTML 39Page - Texas Instruments INA210CIRSWR Datasheet HTML 40Page - Texas Instruments INA210CIRSWR Datasheet HTML 41Page - Texas Instruments INA210CIRSWR Datasheet HTML 42Page - Texas Instruments INA210CIRSWR Datasheet HTML 43Page - Texas Instruments INA210CIRSWR Datasheet HTML 44Page - Texas Instruments INA210CIRSWR Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
9X (0.6)
(0.7)
10X (0.2)
(1.2)
(1.6)
6X (0.4)
UQFN - 0.55 mm max height
RSW0010A
PLASTIC QUAD FLATPACK - NO LEAD
4224897/A 03/2019
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 30X
SEE SOLDER MASK
DETAIL
1
2
3
5
6
7
8
10
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com