Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63 Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # AP63
Description  AP34 ACCESS POINT DATASHEET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP63 Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  AP63 Datasheet HTML 1Page - Juniper Networks, Inc. AP63 Datasheet HTML 2Page - Juniper Networks, Inc. AP63 Datasheet HTML 3Page - Juniper Networks, Inc. AP63 Datasheet HTML 4Page - Juniper Networks, Inc. AP63 Datasheet HTML 5Page - Juniper Networks, Inc. AP63 Datasheet HTML 6Page - Juniper Networks, Inc. AP63 Datasheet HTML 7Page - Juniper Networks, Inc. AP63 Datasheet HTML 8Page - Juniper Networks, Inc. AP63 Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Access Point Features
High-Performance Wi-Fi
The AP34 is comprised of tri-band, quad-radio 2x2:2 802.11ax with
maximum data rates of 2400 Mbps in the 6 GHz band, 1200 Mbps
in the 5 GHz band, and 575 Mbps in the 2.4 GHz band. The fourth
radio functions as a network, location, and security sensor, as well
as a spectrum monitor. With 802.11ax Orthogonal Frequency
Division Multiple Access (OFDMA), Multi-User Multiple Input
Multiple Output (MU-MIMO), and BSS Coloring technologies, the
AP34 offers performance at unprecedented levels to support new
bandwidth-hungry applications and soaring device densities.
AI for AX
The added performance and spectrum efficiency of 802.11ax (Wi-
Fi 6) has added to the complexity of configuring and operating
wireless networks. Juniper automates and optimizes AP
management and performance with AI for AX capabilities. Juniper
access points reduce interference due to congestion and ensure
consistent service to multiple connected devices in high-density
environments by optimizing BSS Coloring, improving data
transmission scheduling within OFDMA and MU-MIMO, and
assigning clients to the best radio to boost the overall performance
of the network.
Greater Spectral Efficiency
OFDMA improves spectral efficiency so that an increasing density
of devices can be supported on the network. Density has become
an issue with the rapid growth of IoT devices, which often utilize
smaller data packets than mobile devices and hence increase the
burden and contention on the network.
Additionally, BSS Coloring improves the coexistence of overlapping
BSSs and allows spatial reuse within a given channel by reducing
packet collisions.
Automatic RF Optimization
Radio Resource Management automates dynamic channel and
power assignment, taking Wi-Fi and external sources of
interference into account with a dedicated sensor radio. The AI
engine continuously monitors coverage and capacity SLE metrics to
learn and optimize the RF environment. A learning algorithm uses
hysteresis on a 24-hour window to conduct a sitewide rebalancing
for optimal channel and power assignment.
Proactive Insight and Action
A dedicated, dual-band third radio collects data for Juniper’s
patent-pending Proactive Analytics and Correlation Engine (PACE),
which uses machine learning to analyze user experiences, correlate
problems, and automatically detect their root causes. These metrics
are used to monitor SLEs and provide proactive recommendations
to ensure problems don’t occur (or are fixed as quickly as possible
when they do).
Improved IoT Battery Efficiency
By incorporating the 802.11ax target wake time (TWT) capability
and Bluetooth 5.0, AP34 access points help extend the battery life
of IoT devices, particularly as additional ones join the network.
Dynamic Debugging
The AP34 has constant monitoring services and sends alerts
whenever a service behaves abnormally. Dynamic debugging
relieves IT of having to worry about an AP going offline or that any
services running on the AP become unavailable.
Dynamic Packet Capture
The Juniper Mist platform automatically captures packets and
streams them to the cloud when major issues are detected. This
saves IT time and effort and eliminates the need for truck rolls with
sniffers to reproduce and capture data for troubleshooting.
Marvis Virtual Network Assistant
Marvis is a natural language processing (NLP)-based assistant with a
conversational interface that helps the understanding of user intent
and goals, simplifies troubleshooting, and collects network insights.
It uses AI and data science to proactively identify issues, determine
the root causes and scope of impact, and gain insights into your
network and user experiences. It eliminates the need to manually
hunt through endless dashboards and CLI commands.
AP34 Access Point Datasheet
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com