Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP63
Description  AP34 ACCESS POINT DATASHEET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP63 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP63 Datasheet HTML 1Page - Juniper Networks, Inc. AP63 Datasheet HTML 2Page - Juniper Networks, Inc. AP63 Datasheet HTML 3Page - Juniper Networks, Inc. AP63 Datasheet HTML 4Page - Juniper Networks, Inc. AP63 Datasheet HTML 5Page - Juniper Networks, Inc. AP63 Datasheet HTML 6Page - Juniper Networks, Inc. AP63 Datasheet HTML 7Page - Juniper Networks, Inc. AP63 Datasheet HTML 8Page - Juniper Networks, Inc. AP63 Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP34 ACCESS POINT DATASHEET
Product Description
The Juniper® AP34 is a mid-tier access point for organizations seeking the latest Wi-Fi 6E
technology and cutting edge AI-driven solutions for faster and more reliable Wi-Fi
experiences. The AP34 is ideal for areas where you need a high-performance 6 GHz tri-
band access point, but don’t require advanced location-based services. The Juniper AP34 is
managed using the open and programmable microservices-based Juniper Mist™ cloud
architecture that provides scalability, ease of deployment, and simplified management. The
AP34 is a 6 GHz access point that supports three bands simultaneously and is ideal for
moderate density environments.
Juniper’s AI solutions for 6E help support optimized operator and user experiences with
secure client-to-cloud automation, insight, and AI-driven actions.
While wired and wireless networks are business critical, they are also harder to operate
given the sheer number of mobile devices and IoT devices—not to mention the extensive
variety of hardware, operating systems, and applications currently in use. Traditional
architectures—highly manual and network-centric—lack the scale, flexibility, and end-to-end
visibility required to support modern mobility requirements and the IT departments that
manage them.
Juniper AI-Driven Network
Juniper Mist™ brings true innovation to wireless networking with the world’s first AI-driven
wireless LAN (WLAN). The Juniper AI-Driven Enterprise makes Wi-Fi predictable, reliable,
and measurable, offering unprecedented visibility into the user experience through the use
of unique service-level expectation (SLE) metrics. Proactive, AI-driven automation and a
self-healing network replace time-consuming manual tasks, lowering Wi-Fi operational
costs and saving substantial time and money.
The Juniper Mist Cloud Architecture
The Juniper Mist cloud-native, AI-driven microservices architecture delivers unparalleled
agility, scale, and resiliency to your network. It lowers OpEx and delivers unprecedented
insights into network performance, behaviors, traffic patterns, and potential trouble spots
by using data science to analyze large amounts of rich metadata collected by the Juniper®
Access Points.
Juniper Access Point Family
The Juniper enterprise-grade access point family consists of:
• AP45 Series, AP34 , and AP24, which support Wi-Fi 6E, 802.11ax (Wi-Fi 6), and
Bluetooth LE
• AP43 Series, AP33, AP32, AP12, and AP63 Series, which support 802.11ax (Wi-Fi 6)
and Bluetooth LE
The real-time microservices in Juniper Mist cloud manage all these access points.
Datasheet
1
Product Overview
The AP34 is a tri-band device
with 2 spatial streams for
transmitting and receiving data
over three client-serving radios,
with a fourth sensor radio
dedicated to monitoring.
Juniper Mist Benefits
- Ease of deployment and
ongoing management
- Centralized control and
visibility
- Quick access to new features
and functionality with no
disruption to services
- Agility to scale as network
needs grow


Similar Part No. - AP63

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP63 JUNIPER-AP63 Datasheet
632Kb / 6P
AP63 ACCESS POINT
logo
Advanced Power Electron...
AP630GP A-POWER-AP630GP Datasheet
81Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP630P A-POWER-AP630P Datasheet
80Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Diodes Incorporated
AP63200 DIODES-AP63200 Datasheet
703Kb / 18P
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev 2
AP63200Q DIODES-AP63200Q Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
More results

Similar Description - AP63

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com