Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA22 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 3 Page - Cirrus Logic

  PA22 Datasheet HTML 1Page - Cirrus Logic PA22 Datasheet HTML 2Page - Cirrus Logic PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PA22
PA22 REV C
3
PINOUT AND DESCRIPTION TABLE
Figure 3: External Connections
Pin Number
Name
Description
1
-IN
Inverting input
2
+IN
Non-inverting input
3
CC1
Compensation capacitor connection. Select value based on Phase Compensation.
See applicable section.
4
CC2
Compensation capacitor connection. Select value based on Phase Compensation.
See applicable section.
7
OUT
The output voltage sense, no current driving capability; connect this pin to the load
and the feedback resistors.
8, 9
-VS
The negative supply rail. Pins 8 and 9 are internally connected.
10, 11
ILIM
The output with current driving capability. Connect to the current limit resistor.
Output current flows into/out of these pins through RLIM. The output pin and the
load are connected to the other side of RLIM. Pins 10 and 11 are internally con-
nected.
12
TMPL
Cathode side of two parallel-connected temperature-sensing transistors, mounted
on top of one of the sinking and one of the sourcing output elements. Connect to
LTC2997 D- pin for PTAT voltage.
13
TMPH
Anode side of two parallel-connected temperature-sensing transistors, mounted on
top of one of the sinking and one of the sourcing output elements. Connect to
LTC2997 D+ pin for PTAT voltage.
14, 15
+VS
The positive supply rail. Pins 14 and 15 are internally connected.
5, 6
NC
No Connection
1
23
4
5
6
7
9
101112131415
8
-IN
+IN
CC1
CC2
NC
OUT
-VS
-VS
NC
ILIM
ILIM TMPL TMPH +VS
+VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com