Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA22 Datasheet(PDF) 7 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button PA22 Datasheet HTML 3Page - Cirrus Logic PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic PA22 Datasheet HTML 10Page - Cirrus Logic PA22 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PA22
PA22 REV C
7
Figure 4: Power Derating
Figure 5: Power Response
Figure 6: Phase Response
Figure 7: Small Signal Response
300
250
200
150
100
50
0
0
25
50
75
100
Case Temperature, T
C
(°C)
250
200
150
100
50
0
100
1k
10k
100k
1M
Frequency, f (Hz)
LOAD = 10k
C
C
=47pF
C
C = 100pF
135
90
45
0
-45
-90
Frequency, f (Hz)
10
100
1k
10k
100k
1M
10M
C
C = 47pF
C
C = 220pF
C
C = 100pF
C
C = 12pF
C
C = 3.3pF
LOAD = OPEN
140
120
100
80
60
40
20
0
-20
10
100
1k
10k
100k
1M
10M
Frequency, f (Hz)
C
C = 3.3pF
C
C = 47pF
C
C = 12pF
C
C = 100pF
C
C = 220pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com