Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA340CC Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA340CC
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340CC Datasheet(HTML) 1 Page - Cirrus Logic

  PA340CC Datasheet HTML 1Page - Cirrus Logic PA340CC Datasheet HTML 2Page - Cirrus Logic PA340CC Datasheet HTML 3Page - Cirrus Logic PA340CC Datasheet HTML 4Page - Cirrus Logic PA340CC Datasheet HTML 5Page - Cirrus Logic PA340CC Datasheet HTML 6Page - Cirrus Logic PA340CC Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PA340
PA340U
1
PA340
FEATURES
♦ RoHS COMPLIANT
♦ MONOLITHIC MOS TECHNOLOGY
♦ LOW COST
♦ HIGH VOLTAGE OPERATION – 350V
♦ LOW QUIESCENT CURRENT TYP. – 2.2mA
♦ NO SECOND BREAKDOWN
♦ HIGH OUTPUT CURRENT – 120 mA PEAK
APPLICATIONS
♦ TELEPHONE RING GENERATOR
♦ PIEZO ELECTRIC POSITIONING
♦ ELECTROSTATIC TRANSDUCER &
DEFLECTION
♦ DEFORMABLE MIRROR FOCUSING
♦ PACKAGING OPTIONS
7-pin DDPAK Surface Mount Package (PA340CC)
DESCRIPTION
The PA340 is a high voltage monolithic MOSFET oper-
ational amplifier achieving performance features previ-
ously found only in hybrid designs while increasing re-
liability. Inputs are protected from excessive common
mode and differential mode voltages. The safe operat-
ing area (SOA) has no second breakdown limitations.
External compensation provides the user flexibility in
choosing optimum gain and bandwidth for the applica-
tion.
The surface mount package of the PA340CC is an in-
dustry standard non-hermetic plastic 7-pin DDPAK.
High Voltage Power Operational Amplifier
PA340
FIGURE 1: Equivalent Schematic
–IN
+V
S
–V
S
+IN
D2
D3 D4
D5
Q5
Q4
1
2
4
5
3
Q1
Q11
Q12
D1
Q2
Q6
Q8
Q13
SUB
Q14
Q10
Q3
I
OUT
COMP
COMP
6
7
Copyright © Apex Microtechnology, Inc. 2012
(All Rights Reserved)
www.apexanalog.com
OCT 2013
PA340U REVC


Similar Part No. - PA340CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
PA3427 UTC-PA3427 Datasheet
256Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3427G-N24-R UTC-PA3427G-N24-R Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
2W STEREO AUDIO AMPLIFIER
More results

Similar Description - PA340CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com