Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA340CC Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA340CC
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA340CC Datasheet(HTML) 6 Page - Cirrus Logic

  PA340CC Datasheet HTML 1Page - Cirrus Logic PA340CC Datasheet HTML 2Page - Cirrus Logic PA340CC Datasheet HTML 3Page - Cirrus Logic PA340CC Datasheet HTML 4Page - Cirrus Logic PA340CC Datasheet HTML 5Page - Cirrus Logic PA340CC Datasheet HTML 6Page - Cirrus Logic PA340CC Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA340
6
PA340U
3.
APPLICATION INFORMATION
Please read Application Note 1 "General Operating Considerations" which covers stability, power supplies, heat
sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.apexanalog.com
for design tools that help automate tasks such as calculations for stability, internal power dissipation, current limit,
heat sink selection, Apex Microtechnology's complete Application Notes library, Technical Seminar Workbook and
Evaluation Kits.
3.1 PHASE COMPENSATION
Open loop gain and phase shift both increase with increasing temperature. The PHASE COMPENSATION typical
graph shows closed loop gain and phase compensation capacitor value relationships for four case temperatures.
The curves are based on achieving a phase margin of 50°. Calculate the highest case temperature for the applica-
tion (maximum ambient temperature and highest internal power dissipation) before choosing the compensation.
Keep in mind that when working with small values of compensation, parasitics may play a large role in performance
of the finished circuit. The compensation capacitor must be rated for at least the total voltage applied to the amplifier
and should be a temperature stable type such as NPO or COG.
3.2 OTHER STABILITY CONCERNS
There are two important concepts about closed loop gain when choosing compensation. They stem from the fact
that while "gain" is the most commonly used term, β (the feedback factor) is really what counts when designing for
stability.
1. Gain must be calculated as a non-inverting circuit (equal input and feedback resistors can provide a signal gain
of -1, but for calculating offset errors, noise, and stability, this is a gain of 2).
2. Including a feedback capacitor changes the feedback factor or gain of the circuit. Consider R
IN = 4.7k, Rf = 47k
for a gain of 11. Compensation of 4.7 to 6.8pF would be reasonable. Adding 33pF parallel to the 47K rolls off the
circuit at 103kHz, and at 2MHz has reduced gain from 11 to roughly 1.5 and the circuit is likely to oscillate.
As a general rule the DC summing junction impedance (parallel combination of the feedback resistor and all input
resistors) should be limited to 5K ohms or less. The amplifier input capacitance of about 6pF, plus capacitance of
connecting traces or wires and (if used) a socket will cause undesirable circuit performance and even oscillation if
these resistances are too high. In circuits requiring high resistances, measure or estimate the total sum point ca-
pacitance, multiply by R
IN /Rf, and parallel Rf with this value. Capacitors included for this purpose are usually in the
single digit pF range. This technique results in equal feedback factor calculations for AC and DC cases. It does not
produce a roll off, but merely keeps β constant over a wide frequency range. Paragraph 6 of Application Note 19
details suitable stability tests for the finished circuit.
3.3 SAFE OPERATING AREA
The MOSFET output stage of the PA340 is not limited by second
breakdown considerations as in bipolar output stages. However
there are still three distinct limitations:
1. Voltage withstand capability of the transistors.
2. Current handling capability of the die metallization.
3. Temperature of the output MOSFETS.
These limitations can be seen in the SOA (see Safe Operating Area
graphs). Note that each pulse capability line shows a constant power
level (unlike second breakdown limitations where power varies with
voltage stress). These lines are shown for a case temperature of
25°C. Pulse stress levels for other case temperatures can be calcu-
lated in the same manner as DC power levels at different tempera-
tures. The output stage is protected against transient flyback by the
parasitic diodes of the output stage MOSFET structure. However,
for protection against sustained high energy flyback external fast-
recovery diodes must be used.
10
20 30 50
100
200 300 500
0.001
0.002
0.003
0.005
0.01
0.02
0.03
0.05
0.1
0.2
SOA
200mS
0.3
0.5
300mS
SUPPLY TO OUTPUT DIFFERENTIAL, V
S - VO, (V)
DC, T
C = 25°C
DC, T
C = 85°C
1K
1.0
FIGURE 4. Safe Operating Area



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com