Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP7002PZP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 37 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 33Page - Texas Instruments TVP7002PZP Datasheet HTML 34Page - Texas Instruments TVP7002PZP Datasheet HTML 35Page - Texas Instruments TVP7002PZP Datasheet HTML 36Page - Texas Instruments TVP7002PZP Datasheet HTML 37Page - Texas Instruments TVP7002PZP Datasheet HTML 38Page - Texas Instruments TVP7002PZP Datasheet HTML 39Page - Texas Instruments TVP7002PZP Datasheet HTML 40Page - Texas Instruments TVP7002PZP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
www.ti.com
Blue and Green Coarse Gain
Red Coarse Gain
Fine Offset LSBs
Blue Coarse Offset
TVP7002
SLES206 – MAY 2007
Subaddress
1Bh
Default (77h)
7
6
5
4
3
2
1
0
Green Coarse Gain [3:0]
Blue Coarse Gain [3:0]
Green Coarse Gain [3:0]: 4-bit coarse analog gain for Green channel (applied before the ADC). To avoid clipping at the ADC, VP-P in X Gain
must be less than 1 VP-P.
Gain [3:0]
Description
0000 = 0.5
0001 = 0.6
0010 = 0.7
0011 = 0.8
0100 = 0.9
0101 = 1.0
0110 = 1.1
0111 = 1.2
Default
1000 =1.3
Maximum recommended gain for 700 mVP-P input
1001 =1.4
1010 = 1.5
1011 =1.6
1100 = 1.7
1101 =1.8
1110 =1.9
1111 = 2.0
Blue Coarse Gain [3:0]: 4-bit coarse analog gain for Blue channel (applied before the ADC).
Subaddress
1Ch
Default (07h)
7
6
5
4
3
2
1
0
Reserved
Red Coarse Gain [3:0]
Red Coarse Gain [3:0]: 4-bit coarse analog gain for Red channel (applied before ADC).
Subaddress
1Dh
Default (00h)
7
6
5
4
3
2
1
0
Reserved
Red Fine Offset [1:0]
Green Fine Offset [1:0]
Blue Fine Offset [1:0]
Red Fine Offset [1:0]: Two LSBs of 10-bit fine digital offset for Red channel (applied after ADC). Corresponding eight MSBs located at
register 0Dh. Offset binary value
Green Fine Offset [1:0]: Two LSBs of 10-bit fine digital offset for Green channel (applied after ADC). Corresponding eight MSBs located at
register 0Ch. Offset binary value.
Blue Fine Offset [1:0]: Two LSBs of 10-bit fine digital offset for Blue channel (applied after ADC). Corresponding eight MSBs located at
register 0Bh. Offset binary value.
Subaddress
1Eh
Default (10h)
7
6
5
4
3
2
1
0
Reserved
Blue Coarse Offset [5:0]
Blue Coarse Offset [5:0]: 6-bit coarse analog offset for blue channel (applied before ADC). 6-bit sign magnitude value.
1Fh = +124 counts
10h = +64 counts referred to ADC output (default)
01h = +4 counts
00h = +0 counts
20h = –0 counts
21h = –4 counts
3Fh = –124 LSB
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com