Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA88C00-PDW48I-R Datasheet(PDF) 25 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 25 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 21Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 22Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 23Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 24Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 25Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 26Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 27Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 28Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 29Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 25 of 80
1.888.824.4184
When an interrupt in one of the 8 levels occurs and the corresponding mask bit is not set, the level bit of
the interrupt is set to 1. The interrupt structure contains 8 levels of interrupt, 16 vectors and 27 sources.
Interrupt priority is assigned by level and controlled by the Interrupt Priority Register (IPR)
ControlRegR255B0. Each level is masked (or enabled) according to the bits in the Interrupt Mask
Register (IMR) SystemRegR221. Each bit of the Interrupt Mask register corresponds to one of the 8
levels of interrupts, IRQ register (SystemRegR220). When the corresponding bit in the Interrupt Mask
register is set to one, that level interrupt is disabled.
Figure 18. System Mode Register (SYM), R222
Bit
7
6
5
4
3
2
1
0
Not
Used
Not
Used
Not
Used
FIS2
FSI1
FSI0
FSE
GIE
Initial Value
?
?
?
?
?
?
?
?
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The Fast Interrupt Select (FSI) selects which level interrupt can be treated as a fast interrupt. Fast
Interrupt Enable (FSE), when set to 1, enables the selected level for fast interrupt. Global Interrupt Enable
(GIE), when set to 1, enables interrupts in general.
Figure 19. Halt Mode Register (HMR), R223
Bit
7
6
5
4
3
2
1
0
Not
Used
Not
Used
Not
Used
Not
Used
D3
D2
D1
D0
Initial Value
?
?
?
?
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D3 - CPU HALT mode - Writing a zero to this bit will invoke the HALT mode upon the execution of the
WFI instruction. The UART and counters can be halted only if D3 is 0. During HALT the internal CPU
clock is disabled, and no address strobe is generated. A hardware reset sets this bit to a 1.
D2 - Disable UART - Writing a zero to the bit will disable the UART. No interrupt request will be
generated. A 1 will make the UART and its interrupt logic remain active in HALT mode. A hardware
reset forces this bit to a 1.
D1 - Disable CT1 - Similar to CT0. When the counters are cascaded, the HALT mode 32-bit counter is
determined by the logical state of D1. A hardware reset forces this bit to a 1.
D0 - Disable CT0 - Writing a zero to this bit will disable the CT0 in HALT mode. No interrupt request
will be generated in this case. A 1 will keep the CT0 active. A hardware reset forces this bit to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com