Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA88C00-PDW48I-R Datasheet(PDF) 38 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 38 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 34Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 35Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 36Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 37Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 38Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 39Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 40Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 41Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 42Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 38 of 80
1.888.824.4184
D0 - Handshake Enable - When this bit is set to 1, the handshake function is enabled.
D1 - Port Select - This bit selects which port is controlled by Handshake Channel 0. When it is set to 1,
Port 1 is selected and when it is cleared to 0, Port 4 is selected.
D2 - DMA Enable - When this bit is set to 1, the DMA function is enabled for Handshake Channel 0.
When it is cleared to 0, the DMA function is not used by the handshake channel and may be used by the
UART.
D3 - Mode - When this bit is set to 1, the "fully interlocked" mode is enabled. When it is cleared to 0, the
"strobed" mode is enabled.
D4-D7 - Deskew Counter - This 4-bit field is used to select a count value from 1 to 16 (0000-1111). This
value is the number of processor clocks used to generate the set-up and strobe when using the "strobed"
mode, or the set-up when using the "fully-interlocked" mode.
Figure 37. Handshake 1 Control (H1C), R245 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
X
X
X
X
X
X
X
0
Read/Write
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
This register controls Handshake Channel 1.
D0 - Handshake Enable - When this bit is set to 1, the handshake function is enabled.
D1 - Not Used.
D2 - Not Used.
D3 - Mode - When this bit is set to 1, the "fully interlocked" mode is enabled. When it is cleared to 0, the
"strobed" mode is enabled.
D4-D7 - Deskew Counter - This 4-bit field is used to select a count value from 1 to 16 (0000-1111). This
value is the number of processor clocks used to generate the set-up and strobe when using the "strobed"
mode, or the set-up when using the "fully-interlocked" mode.
Figure 38. Port 4 Direction Control Register (P4D), R246 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
1
1
1
1
1
1
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com