Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6911C Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6911C
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6911C Datasheet HTML 10Page - STMicroelectronics L6911C Datasheet HTML 11Page - STMicroelectronics L6911C Datasheet HTML 12Page - STMicroelectronics L6911C Datasheet HTML 13Page - STMicroelectronics L6911C Datasheet HTML 14Page - STMicroelectronics L6911C Datasheet HTML 15Page - STMicroelectronics L6911C Datasheet HTML 16Page - STMicroelectronics L6911C Datasheet HTML 17Page - STMicroelectronics L6911C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
L6911C
14/20
Figure 9. Voltage regulation with droop function block scheme
It results:
Because in the interested range |Gloop|>>1.
To obtain a flat shape, the relationship considered will naturally follow.
Demo Board Description
The L6911C demo board shows the operation of the device in a standard VRM 8.4 application. This evaluation
board allows voltage adjustability (1.3V - 3.5V) through the switches S1-S5 and high output current capability
(up to 14A). The device is supplied by the 12V input rail while the power conversion starts from the 5V input rail.
The device is also able to operate with a 5V supply voltage; in this case 12V input can be directly connected to
the 5V power source. The four layers demo board's copper thickness is of 70
µm in order to minimize conduction
losses considering the high current that the circuit is able to deliver. Figure 10 shows the demo board's sche-
matic circuit.
Figure 10. Demo Board Schematic
Av(s)
R(s )
V out
Vco m p
Iout
d
s
L
s
OUT
R
τ
τ
⋅
+
⋅
+
⋅
1
1
Z
OUT
V
o
I
LO AD
----------------
R
d
1s
τ
L
+
1s
τ
d
+
------------------
G
LOOP
1G
L OOP
+
-----------------------------
⋅⋅
R
OUT
1s
τ
L
+
1s
τ
d
+
------------------
⋅
==
=
L6911-L6912 EVALUATION KIT REV.
L2
L1
R7
R8
R9
C1-5
C21-22
C23
C6-15
C25
Q4-5
Q1-2
D2
C17
F1
16
17
13
14
2
4
5
6
7
8
U1
L6911C
+5 VIN
+12Vcc
VOUTCORE
PWRGD
10
15
9
3
20
18
11
19
12
1
VCC
GND
VID0
VID1
VID2
VID3
VID4
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VSEN
R3
R4
R5
R2
C18
C19
C20
R1
C16
S1
S2
S3
S4
S5
C24
Q8
D1
GNDIN
GNDCORE
GND12
R12
R13
R14
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com