Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6911C Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6911C
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6911C Datasheet HTML 12Page - STMicroelectronics L6911C Datasheet HTML 13Page - STMicroelectronics L6911C Datasheet HTML 14Page - STMicroelectronics L6911C Datasheet HTML 15Page - STMicroelectronics L6911C Datasheet HTML 16Page - STMicroelectronics L6911C Datasheet HTML 17Page - STMicroelectronics L6911C Datasheet HTML 18Page - STMicroelectronics L6911C Datasheet HTML 19Page - STMicroelectronics L6911C Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
L6911C
16/20
Inductor selection
Since the maximum output current is equal to 14A, to have a 30% ripple (4A) in worst case a 3
µH inductor has
been chosen. So the ripple is 4.1A @ 3.5V with VIN=12V and 1.7A @ 3.5V with VIN = 5V.
In worst case the peak is equal to 18.1A.
Output Capacitor
In the demo ten Sanyo capacitors, model 6MV1000GX are used, with a maximum ESR equal to 69m
Ω. There-
fore, the resultant ESR is 69m
Ω/10 = 1.9mΩ. For a load transient of 14A in worst case the drop results:
∆Vout = 14 * 0.00069 = 96.6mV
The voltage drop due to the capacitor discharge during load transient, considering that the maximum duty cycle
is equal to 100% results in 13mV with 2.5V of programmed output.
Input Capacitor
For IOUT = 14A and D = 0.5 (worst case for input ripple current), Irms is equal to 7A. Five Sanyo electrolytic
capacitors 25MV330GX, with a maximum ESR equal to 69m
Ω, are chosen to sustain the ripple. Therefore, the
resultant ESR is equal to 69m
Ω/5 = 13.8mΩ. So the losses in worst case are:
Over-Current Protection
Substituting the demo board parameters in the relationship reported in the relative section, (IOCSMIN = 170µA;
IP = 19A; RDSONMAX = 9mΩ) it results that ROCS = 1kΩ.
Part List
R2
499k
1%
SMD 0805
R3, R7
1k
1%
SMD 0805
R4
20
SMD 0805
R5, R8
20k
SMD 0805
R9
15k
SMD 0805
R12
1K
SMD 0805
R13, R14
0
SMD 0805
C1, C2…C5
330
µ
SANYO – 25MV330GX
Radial 8x20mm
C6, C7…C15
1000
µ
SANYO – 6MV1000GX
Radial 8x20mm
C16, C17, C24, C25
100n
Ceramic
SMD 0805
C18
2.2n
Ceramic
SMD 0805
C19
8.2n
Ceramic
SMD 0805
C20
82n
Ceramic
SMD 0805
C21, C22
1
µ
Ceramic
SMD 1206
C23
1n
Ceramic
SMD 0805
L1
1.5
µ
T44-52 Core, 7T-18AWG
L2
3
µ
T50-52B Core, 10T-16AWG
U1
L6911C
STMicroelectronics
SO20
Q1, Q2…Q6
STS12NF30L
STMicroelectronics
SO8
D1
1N4148
STMicroelectronics
SOT23
D2
STPS3L25U
STMicroelectronics
SMB
F1
251015A-15°
Littlefuse
AXIAL
P
ESR I
rm s
2
⋅
670 mW
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com