Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0056 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0056
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0056 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0056 Datasheet HTML 1Page - Tyco Electronics MAAMSS0056 Datasheet HTML 2Page - Tyco Electronics MAAMSS0056 Datasheet HTML 3Page - Tyco Electronics MAAMSS0056 Datasheet HTML 4Page - Tyco Electronics MAAMSS0056 Datasheet HTML 5Page - Tyco Electronics MAAMSS0056 Datasheet HTML 6Page - Tyco Electronics MAAMSS0056 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0056
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Cross Section View
The PCB dielectric between RF traces and RF ground lay-
ers should be chosen to reduce RF discontinuities between
50 Ω lines and package pins. M/A-COM recommends an
FR-4 dielectric thickness of 0.008” (0.20 mm) yielding a 50
Ω line width of 0.015” (0.38 mm). The recommended RF
metalization is 1 ounce copper.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parts List
Part
Value
Used on Freq. Band
Case
Style
Manufacturer
Purpose
C1
1.8 pF
2140, 2500, 3500
0402
Murata
Input Tuning & DC Block
C2
1.2 pF
2140, 2500, 3500
0402
Murata
Inter-stage Tuning
C3
1000 pF
2140, 2500, 3500
0402
Murata
Output Tuning
C5
15 pF
2140, 2500, 3500
0402
Murata
Bypass
C6
1 pF
2140
0402
Murata
Inter-stage Tuning
C7, C8, C9
0.1 uF
2140, 2500, 3500
0402
Murata
Bypass
C10
3.3 uF
2140, 2500, 3500
0402
Murata
Bypass
C11
0.5 pF
2500, 3500
0402
Murata
Inter-stage Tuning
L1
3.3 nH
2140
0402
Coilcraft
Input Tuning
L2, L3
7.5 nH
2140, 2500
0402
Coilcraft
Bias Injection
L4
4.7 nH
2500
0402
Coilcraft
Input Tuning
L5, L6
5.1 nH
3500
0403
Coilcraft
Bias Injection
R1, R2, R3
0
Ω
2140, 2500, 3500
0402
Panasonic
Jumper
C4
1000 pF
2140, 2500, 3500
0402
Murata
Bypass
C13
1 pF
3500
0402
Murata
Input Tuning & DC Block
C12
0.5 pF
3500
0402
Murata
Input Tuning



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com