Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0056 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAAMSS0056
Description  RF Driver Amplifier 250 - 4000 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0056 Datasheet(HTML) 6 Page - Tyco Electronics

  MAAMSS0056 Datasheet HTML 1Page - Tyco Electronics MAAMSS0056 Datasheet HTML 2Page - Tyco Electronics MAAMSS0056 Datasheet HTML 3Page - Tyco Electronics MAAMSS0056 Datasheet HTML 4Page - Tyco Electronics MAAMSS0056 Datasheet HTML 5Page - Tyco Electronics MAAMSS0056 Datasheet HTML 6Page - Tyco Electronics MAAMSS0056 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Driver Amplifier
250 - 4000 MHz
MAAMSS0056
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
6
RoHS
Compliant
Typical Performance Curves, 2500 MHz Configuration @ 25° C
Gain
Input Return Loss
Output Return Loss
EVM
P1dB
Output IP3
Applications Section
5
10
15
20
25
2.40
2.45
2.50
2.55
2.60
2.65
Frequency (GHz)
-25
-20
-15
-10
-5
2.40
2.45
2.50
2.55
2.60
2.65
Frequency (GHz)
-25
-20
-15
-10
-5
2.40
2.45
2.50
2.55
2.60
2.65
Frequency (GHz)
5
10
15
20
25
5
10
15202530
Output Power (dBm)
10
20
30
40
50
60
4
6
8
10
12
14161820
22
Low Side
High Side
Output Power (dBm)
0
0.5
1
1.5
2
2.5
02
46
8
10
12
14
16
18
20
22
Output Power (dBm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com