Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB15CTPBF Datasheet(PDF) 2 Page - International Rectifier

Part # MBRB15CTPBF
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB15CTPBF Datasheet(HTML) 2 Page - International Rectifier

  MBRB15CTPBF Datasheet HTML 1Page - International Rectifier MBRB15CTPBF Datasheet HTML 2Page - International Rectifier MBRB15CTPBF Datasheet HTML 3Page - International Rectifier MBRB15CTPBF Datasheet HTML 4Page - International Rectifier MBRB15CTPBF Datasheet HTML 5Page - International Rectifier MBRB15CTPBF Datasheet HTML 6Page - International Rectifier MBRB15CTPBF Datasheet HTML 7Page - International Rectifier MBRB15CTPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBRB15..CTPbF, MBR15..CT-1PbF Series
Bulletin PD-21043 rev. A 07/06
2
www.irf.com
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
T
J
Max. Junction Temperature Range
-65 to 150
°C
T
stg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC Max. Thermal Resistance Junction
3.0
°C/W DC operation
to Case
(Per Leg)
R
thCS Typical Thermal Resistance, Case
0.50
°C/W Mounting surface, smooth and greased
to Heatsink
R
thJA Max. Thermal Resistance Junction
60
°C/W DC operation
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Device Marking
MBRB15..CT
Case style D2Pak
MBR15..CT-1
Case style TO-262
Thermal-Mechanical Specifications
Parameters
Value
Units
Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.84
V
@ 15A
(1)
0.57
V
@ 7.5A
0.72
V
@ 15A
I
RM
Max. Instantaneus Reverse Current
0.1
mA
T
J =
25 °C
(1)
15
mA
TJ = 125 °C
C
T
Max. Junction Capacitance
400
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated VR)
Electrical Specifications
Parameters
Value
Units
Conditions
T
J = 125 °C
T
J =
25 °C
Rated DC voltage
(1) Pulse Width < 300μs, Duty Cycle <2%
I
F(AV) Max.Aver.ForwardCurrent(PerLeg)
7.5
(Per Device)
15
I
FSM
Max.PeakOne Cycle Non Repetitive
690
5μs Sineor3μsRect.pulse
Surge applied at rated load condition halfwave single
phase 60Hz
E
AS
Non-Repetitive Avalanche Energy
7
mJ
(Per Leg) T
J = 25 °C, IAS = 2 Amps, L = 3.5 mH
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Parameters
Value
Units
Conditions
150
A
Surge
@ T
C = 131 °C (Rated VR)
A
Following any rated load
condition and with rated
VRRM applied
Voltage Ratings
Parameters
MBRB1535CT
MBRB1545CT
MBR1535CT-1
MBR1545CT-1
35
45



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com