Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB15CTPBF Datasheet(PDF) 7 Page - International Rectifier

Part # MBRB15CTPBF
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB15CTPBF Datasheet(HTML) 7 Page - International Rectifier

  MBRB15CTPBF Datasheet HTML 1Page - International Rectifier MBRB15CTPBF Datasheet HTML 2Page - International Rectifier MBRB15CTPBF Datasheet HTML 3Page - International Rectifier MBRB15CTPBF Datasheet HTML 4Page - International Rectifier MBRB15CTPBF Datasheet HTML 5Page - International Rectifier MBRB15CTPBF Datasheet HTML 6Page - International Rectifier MBRB15CTPBF Datasheet HTML 7Page - International Rectifier MBRB15CTPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MBRB15..CTPbF, MBR15..CT-1PbF Series
Bulletin PD-21043 rev. A 07/06
7
www.irf.com
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
B = Surface Mount
None = TO-220
3
-
Current Rating (15 = 15A)
4
-
Voltage code: Code = V
RRM
5
-
CT = Essential Part Number
6
-
"-1" = TO-262
7
-
none = Tube (50 pieces)
TRL = Tape & Reel (Left Oriented - for D2Pak only)
TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production
PbF = Lead-Free
35 = 35V
40 = 40V
45 = 45V
MBR
B
1545CT
-1
TRL PbF
6
7
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com