| Electronic Components Datasheet Search |
|
AD9995KCPRL Datasheet(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9995KCPRL Datasheet(HTML) 39 Page - Analog Devices |
|
39 / 60 page ![]() AD9995 –39– Updating New Register Values The AD9995’s internal registers are updated at different times, depending on the particular register.Table XV summarizes the four different types of register updates: 1. SCK Updated: Some of the registers in Bank 1 are updated immediately, as soon as the 24th data bit (D23) is written. These registers are used for functions that do not require gat- ing with the next VD boundary, such as power-up and reset functions.These registers are lightly shaded in gray in the Bank 1 register list. The Bank Select register (Addr. 0x7F in Bank 1 and 2) is also SCK updated. 2. VD Updated: Most of the registers in Bank 1, as well as the Field registers in Bank 2, are updated at the next VD falling edge. By updating these values at the next VD edge, the cur- rent field will not be corrupted and the new register values will be applied to the next field. The Bank 1 register updates may be further delayed past the VD falling edge by using the UPDATE register (Addr. 0x19). This will delay the VD updated register updates to any HD line in the field. Note that the Bank 2 registers are not affected by the UPDATE register. 3. SG-Line Updated: A few of the registers in Bank 1 are updated at the end of the SG active line, at the HD falling edge.These are the registers to control the SUBCK signal so that the SUBCK output will not be updated until after the SG line has been completed.These registers are darkly shaded in gray in the Bank 1 register list. 4. SCP Updated: In Bank 2, all of the V-pattern group and V-sequence registers (Addr. 0x00 through 0xCF, exclud- ing 0x7F) are updated at the next SCP, where they will be used. For example, in Figure 42, this field has selected Region 1 to use V-Sequence 3 for the vertical outputs. This means that a write to any of the V-Sequence 3 registers, or any of the V-pattern group registers that are referenced by V-Sequence 3 will be updated at SCP1. If multiple writes are done to the same register, the last one done before SCP1 will be the one that is updated. Likewise, register writes to any V-Sequence 5 registers will be updated at SCP2, and register writes to any V-Sequence 8 registers will be updated at SCP3. Table XV. Register Update Locations Update Type Register Bank Description SCK Updated Bank 1 Only Register is immediately updated when the 24th data bit (D23) is clocked in. VD Updated Bank 1 and Bank 2 Register is updated at the VD falling edge.VD updated registers in Bank 1 may be delayed further by using the UPDATE register at Address 0x19 in Bank 1. Bank 2 updates will not be affected by the UPDATE register. SG Line Updated Bank 1 Only Register is updated at the HD falling edge at the end of the SG-active line. SCP Updated Bank 2 Only Register is updated at the next SCP when the register will be used. VD REGION 0 HD SCP 1 SCP 2 SCP 3 REGION 1 REGION 2 REGION 3 VSG SGLINE SGLINE SCP 0 SERIAL WRITE SCK UPDATED SCP 0 VD UPDATED SG UPDATED SCP UPDATED V1–V6 USE VSEQ2 USE VSEQ3 USE VSEQ5 USE VSEQ8 Figure 42. Register Update Locations (SeeTable XV for Definitions) REV. 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |