Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADCSM0011SMB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MADCSM0011SMB
Description  Dual Mode Cellular Downconverter 869 - 893 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0011SMB Datasheet(HTML) 1 Page - Tyco Electronics

  MADCSM0011SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dual Mode Cellular Downconverter
869 - 893 MHz
MADCSM0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Dual Mode Downconverter with LO Amplifier
• 3mm 12-Lead PQFN Package
• Operates over 2.7 V to 5 V Supply Voltage
• High Gain: 12.5 dB Typical
• High Input Intercept Point: +8 dBm Typical
• Low Current Draw: 12 mA Typical
• Adjustable IP3 Level
• Low LO Drive Level: -10 dBm
Description
M/A-COM’s
MADCSM0011
integra t e d
downconverter combines a downconverting mixer,
an IF amplifier, a LO buffer amplifier and an output
mode switch. The MADCSM0011 is packaged in a
low cost 3mm 12-Lead PQFN package with an
exposed
pad
for
improved
high
frequency
grounding.
M/A-COM designed the MADCSM0011 for handsets
requiring wide dynamic range and low power
consumption.
A mode switch is incorporated into
the MADCSM0011 to switch between CDMA and
AMPs operation.
The MADCSM0011 is fabricated using M/A-COM’s
0.5-micron low noise E/D GaAs MESFET process.
The process features full passivation for increased
performance and reliability.
Pin Configuration
Functional Block Diagram
Ordering Information
1
Part Number
Package
MADCSM0011
Bulk Packaging
MADCSM0011TR
Tape and Reel (1K Reel)
MADCSM0011SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin No. Pin Name
Description
1
MIX
Mixer RF Input/Mixer IF Output
2
GND
DC and RF Ground
3
LO IN
Local oscillator input (-10 to -5 dBm)
4
GND
DC and RF Ground
5
LOA VDD
LOA supply voltage;
RF bypassing required
6
IFA SRC
Parallel RC network determines the
IFA Current, Gain and IIP3
7
CDMA IF
OUT
CDMA IF Output of downconverter;
IF matching required
8
GND
DC and RF Ground
9
AMPS IF
OUT
AMPs IF Output of downconverter;
IF matching required
10
MODE SEL
Selects between AMPs and CDMA
IF Output
11
IFA VDD
IFA supply voltage; RF bypassing re-
quired
12
IFA IN
IFA Input
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Voltage
6 V
Input Power
0 dBm
Operating Temperature
-30°C to +85°C
Storage Temperature
-65°C to +150°C


Similar Part No. - MADCSM0011SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
MADCSM0012SMB MACOM-MADCSM0012SMB Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
MADCSM0012TR MACOM-MADCSM0012TR Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
More results

Similar Description - MADCSM0011SMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
Cellular-band Single-Branch Downconverter
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
Cellular-band High Linearity Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
Cellular-band Dual-Branch Downconverter
logo
Tyco Electronics
MADCSM0001 MACOM-MADCSM0001 Datasheet
267Kb / 8P
Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com