Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADCSM0011SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MADCSM0011SMB
Description  Dual Mode Cellular Downconverter 869 - 893 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0011SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MADCSM0011SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0011SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dual Mode Cellular Downconverter
869 - 893 MHz
MADCSM0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications
4:
Test Conditions: VDD = 3.0 V, RF = 880 MHz, IF = 85 MHz, LO = 965 MHz, TA = +25°C
Parameter
Test Conditions
Units
Min
Typ
Max
Conversion Gain
LO Pin = -10 dBm
dB
10
12.5
15
Noise Figure
LO Pin = -10 dBm
dB
—
7.5
—
Input Intercept Point
LO Pin = -10 dBm
dBm
6
8
—
Return Loss
RF, LO Pin = -10 dBm
LO, LO Pin = -10 dBm
dB
dB
—
—
12
13
—
—
Isolation
RF to IF, LO Pin = -10 dBm
LO to IF, LO Pin = -10 dBm
dB
dB
25
18
36
21
—
—
IDD
LO Pin = -10 dBm
mA
—
12
15
4. All measurements are for both output modes.
Recommended PCB Configuration
Sample Board Schematic
External Circuitry Parts List
Part
Value
Purpose
C1
2.7 pF
Mixer Input RF Matching
C2
1000 pF
Mixer to IFA Matching
C3,C5,
C10,C12
0.1 µF
VDD Bypass
C4
0.1 µF
IFA Source Bypass
C6,C8
33 pF
IFA Output Matching
C7,C9
12 pF
IFA Output Matching
C11
0.1 µF
Vmode Bypass
L1
16 nH
Mixer Input RF Matching
L2
270 nH
Mixer to IFA Matching
L3
15 nH
LOA Input Matching
L4
15 nH
LOA Matching
L5,L6
150 nH
IFA Output Matching
R1
34 Ohms
IFA Source Resistor
Case
Size
0402
0402
0402
0402
0402
0402
0402
0603
0603
0603
0603
0603
0402



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com