Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3213 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIP3213
Description  TOPFET high side switch SMD version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3213 Datasheet(HTML) 2 Page - NXP Semiconductors

  PIP3213 Datasheet HTML 1Page - NXP Semiconductors PIP3213 Datasheet HTML 2Page - NXP Semiconductors PIP3213 Datasheet HTML 3Page - NXP Semiconductors PIP3213 Datasheet HTML 4Page - NXP Semiconductors PIP3213 Datasheet HTML 5Page - NXP Semiconductors PIP3213 Datasheet HTML 6Page - NXP Semiconductors PIP3213 Datasheet HTML 7Page - NXP Semiconductors PIP3213 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3213-R
SMD version
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
BG
Continuous off-state supply voltage
0
50
V
I
L
Continuous load current
T
mb ≤ 90˚C
-
34
A
P
D
Total power dissipation
T
mb ≤ 25˚C
-
98
W
T
stg
Storage temperature
-55
175
˚C
T
j
Continuous junction temperature
1
-
150
˚C
T
sold
Mounting base temperature
during soldering
-
260
˚C
Reverse battery voltages
2
-V
BG
Continuous reverse voltage
-
16
V
-V
BG
Peak reverse voltage
-
32
V
Application information
R
I, RS
External resistors
3
to limit input, status currents
3.2
-
k
Input and status
I
I, IS
Continuous currents
-5
5
mA
I
I, IS
Repetitive peak currents
δ ≤ 0.1, tp = 300 µs
-50
50
mA
Inductive load clamping
I
L = 15 A, VBG = 16 V
E
BL
Non-repetitive clamping energy
T
j = 150 ˚C prior to turn-off
-
380
mJ
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
4
R
th j-mb
Junction to mounting base
-
-
1.0
1.27
K/W
1 For normal continuous operation. A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates
to protect the switch.
2 Reverse battery voltage is allowed only with external resistors to limit the input and status currents to a safe value. The connected load must
limit the reverse load current. The internal ground resistor limits the reverse battery ground current. Power is dissipated and the T
j
rating must be observed.
3 To limit currents during reverse battery and transient overvoltages (positive or negative).
4 Of the output power MOS transistor.
September 2001
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com