Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3213 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIP3213
Description  TOPFET high side switch SMD version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3213 Datasheet(HTML) 3 Page - NXP Semiconductors

  PIP3213 Datasheet HTML 1Page - NXP Semiconductors PIP3213 Datasheet HTML 2Page - NXP Semiconductors PIP3213 Datasheet HTML 3Page - NXP Semiconductors PIP3213 Datasheet HTML 4Page - NXP Semiconductors PIP3213 Datasheet HTML 5Page - NXP Semiconductors PIP3213 Datasheet HTML 6Page - NXP Semiconductors PIP3213 Datasheet HTML 7Page - NXP Semiconductors PIP3213 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3213-R
SMD version
STATIC CHARACTERISTICS
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25˚C unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Clamping voltages
V
BG
Battery to ground
I
G = 1 mA
50
55
65
V
V
BL
Battery to load
I
L = IG = 1 mA
50
55
65
V
-V
LG
Negative load to ground
I
L = 10 mA
18
23
28
V
-V
LG
Negative load voltage
1
I
L = 15 A; tp = 300 µs20
25
30
V
Supply voltage
battery to ground
V
BG
Operating range
2
5.5
-
35
V
Currents
9 V
≤ V
BG ≤ 16 V
I
B
Quiescent current
3
V
LG = 0 V
-
-
20
µA
T
mb = 25˚C
-
0.1
2
µA
I
L
Off-state load current
4
V
BL = VBG
--
20
µA
T
mb = 25˚C
-
0.1
1
µA
I
G
Operating current
5
I
L = 0 A
-
2
4
mA
I
L
Nominal load current
6
V
BL = 0.5 V
T
mb = 85˚C
18
-
-
A
Resistances
V
BG
I
L
t
p
7
T
mb
R
ON
On-state resistance
9 to 35 V
15 A
300
µs
25˚C
-
15
20
m
150˚C
-
-
37
m
R
ON
On-state resistance
6 V
15 A
300
µs
25˚C
-
18
25
m
150˚C
-
-
45
m
R
G
Internal ground resistance
I
G = 10 mA
95
150
190
1 For a high side switch, the load pin voltage goes negative with respect to ground during the turn-off of an inductive load.
2 On-state resistance is increased if the supply voltage is less than 9 V. Refer to figure 8.
3 This is the continuous current drawn from the supply when the input is low and includes leakage current to the load.
4 The measured current is in the load pin only.
5 This is the continuous current drawn from the supply with no load connected, but with the input high.
6 Defined as in ISO 10483-1. For comparison purposes only.
7 The supply and input voltage for the R
ON tests are continuous.
The specified pulse duration t
p refers only to the applied load current.
September 2001
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com