Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLHS501IA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PLHS501IA
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501IA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PLHS501IA Datasheet HTML 4Page - NXP Semiconductors PLHS501IA Datasheet HTML 5Page - NXP Semiconductors PLHS501IA Datasheet HTML 6Page - NXP Semiconductors PLHS501IA Datasheet HTML 7Page - NXP Semiconductors PLHS501IA Datasheet HTML 8Page - NXP Semiconductors PLHS501IA Datasheet HTML 9Page - NXP Semiconductors PLHS501IA Datasheet HTML 10Page - NXP Semiconductors PLHS501IA Datasheet HTML 11Page - NXP Semiconductors PLHS501IA Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
™
October 22, 1993
12
APPLICATIONS
MASTER
SLAVE
MODULE
SPECIFIC
MODULE
SPECIFIC
BUS
CONTROL
PLHS501
CLOCK
ADDRESS, DATA,
CONTROL AND PARITY
ARBITRATION
ARBITRATION
CLOCK
ORIGINATION
N U B U S
SLOT ID
SLOT ID
Simplified NUBUS
™ Diagram (10MHz Operating Frequency)
–ADL
–CDSETUP
–M/–IO
–S1
–S0
–A2
–A1
–A0
–CMD
D07
|
D00
CHRESET
7-BIT
LATCH
8-BIT
LATCH
POS
BYTE
2
CARD
I.D.
POS
BYTE
1
CARD
I.D.
POS
BYTE
0
OCTAL
3 to 1
MULTIPLEXER
3-STATE
DRIVER
TRANSCEIVER
CONTROL
BUFEN
DIR
POS
BYTE 2
DATA OUTPUT
8
8
8
8
8
8
7
Block Diagram of Basic POS Implementation in PLHS501
NuBus is a trademark of Texas Instruments, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com