Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM65567AF Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM65567AF
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567AF Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM65567AF Datasheet HTML 28Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 29Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 30Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 31Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 32Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 33Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 34Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 35Page - ELAN Microelectronics Corp EM65567AF Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
32
group of segment driver outputs [palettes Aj, Bj, and Cj (j = 0-7)]. Each register consists of a 5-bit register, selecting
8-gradations from the pattern for 32-gradations.
Initial values on gradation palette register
[Three groups of palettes Aj, Bj, and Cj (j = 0-7) are available]
Register Name
Initial value
0
0
0
Gradation Palette 0 0 0 0 0 0
0
0
1
Gradation Palette 1 0 0 1 0 1
0
1
0
Gradation Palette 2 0 1 0 1 0
0
1
1
Gradation Palette 3 0 1 1 1 0
1
0
0
Gradation Palette 4 1 0 0 0 1
1
0
1
Gradation Palette 5 1 0 1 0 1
1
1
0
Gradation Palette 6 1 1 0 1 0
1
1
1
Gradation Palette 7 1 1 1 1 1
(MSB)RAM data(LSB)
Gradation level table (PWM = “0”, variable mode)
[Three groups of palettes Aj, Bj, and Cj (j = 0-7) are available
Palette
Gradation
level
Remarks
Palette
Gradaton
level
Remarks
0 0 0 0 0
0
gradation palette0 initial valu1 0 0 0 0 16/31
0 0 0 0
1/31
1 0 0 0 1 17/31
gradation palette4 initial value
0 0 0 1 0 2/31
1 0 0 1 0 18/31
0 0 0 1
3/31
1 0 0 1 1 19/31
0 0 1 0 0 4/31
1 0 1 0 0 20/31
0 0 1 0
5/31
gradation palette1 initial valu1 0 1 0 1 21/31
gradation palette5 initial value
0 0 1 1 0 6/31
1 0 1 1 0 22/31
0 0 1 1
7//31
1 0 1 1 1 23/31
0 1 0 0 0 8/31
1 1 0 0 0 24/31
0 1 0 0
9/31
1 1 0 0 1 25/31
0 1 0 1 0 10/31
gradation palette2 initial valu1 1 0 1 0 26/31
gradation palette6 initial value
0 1 0 1
11/31
1 1 0 1 1 27/31
0 1 1 0 0 12/31
1 1 1 0 0 28/31
0 1 1 0
13/31
1 1 1 0 1 29/31
0 1 1 1 0 14/31
gradation palette3 initial valu1 1 1 1 0 30/31
0 1 1 1 0 15/31
1 1 1 1 1 31/31
gradation palette7 initial value
Gradation level table (PWM = “1”, fixed mode)
Gradation level
GLSB Gradation level
000
0
0
0
※
0
0
0
1
1/7
0
1
0
2/7
0
1
0
2/7
0
1
1
3/7
0
1
1
3/7
1
0
0
4/7
1
0
0
4/7
1
0
1
5/7
101
5/7
1
1
※
7/7
110
6/7
※:
Don't Care
111
7/7
(MSB)RAM data(LSB)
RAM Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com